Popular News
Daily News
Total : 42 ( 5/5 Pages)
Mass Interconnect - G18 & 9025 Slide Configurations
by VirginiaPanel - 2013-05-23 14:47 - 4,504 views
The G18 & 9025 Slide Configuration provides maximum versatility. This system allows for easy access to instrument wiring and chassis, enables shorter cable length, and provides a flush rack mount to save valuable work space. The receiver is designed to fit into a standard 19" rack. It is equipped with a locking handle to ensure your contacts are engaged. The kit comes with the instrument bracket, flanges, and receiver; the slides are purchased separately to ensure a proper fit in your rack.
Mass Interconnect - i1: One Solution Infinite Connections
by VirginiaPanel - 2013-05-23 14:46 - 4,776 views
i1 offers exceptional design features. The half-turn quick cam mechanism enables easy engagement. i1 accepts all standard iCon modules, offering a variety of I/O options, including signal, power and coaxial. A polarizing feature and optional keying ensure correct alignment and prevent damage to the connector. The 30º U-shaped cable clamp provides strain relief and reduces the height requirement. Additional features & benefits: •Rugged engagement mechanism engineered for 10,000 cycles •Removable backshell and engaging mechanism enable easy access to wiring •Spring locking tabs ensure even locking and engagement •30º U-shaped cable clamp provides strain relief •Simple half-turn engaging mechanism •Variety of I/O options available

       1 2 3 4 5        

| Total | 2013-05-23 | 2013-05-11 |
All Rights Reserved© Alldatasheet.com 2003 - 2013