Total : 2 ( 1/1 Pages)
New at Mobile World Congress: Xperia M4 Aqua Smartphone
by Sony - 2015-03-10 13:52 - 10,402 views
For more info: http://bit.ly/17KIU12 New from Mobile World Congress announcing the New Xperia M4 Aqua. It includes a powerful 13MP camera, F2.0 aperture and Sony’s intelligent Superior Auto mode. It also is Sony’s first octa-core 64-bit smartphone featuring the Qualcomm® Snapdragon™ 615 processor with integrated 4G LTE, running Android 5.0 Lollipop and extended battery life. Launching in 80 countries worldwide, across more than 100 carrier partners – for around 299 EUR3, from Spring 2015
New at Mobile World Congress: Xperia Z4 Tablet
by Sony - 2015-03-10 10:41 - 10,836 views
For more info: http://bit.ly/17KIU12 New from Mobile World Congress and SGNL has a detailed look! Announcing the New Xperia Z4 Tablet. It boasts a 10.1 inch 2K display, runs on Android 5.0 Lollipop and includes the ultra-fast Qualcomm® Snapdragon™ 810 octa-core 64 bit processor. Super light (389g Wi-Fi / 393g LTE) and super slim (6.1mm).

       1        

| Total | 2015-03-10 | 2015-03-05 | 2015-01-19 | 2015-01-09 | 2015-01-07 |
All Rights Reserved© Alldatasheet.com 2003 - 2013