Total : 1 ( 1/1 Pages)
Old vs. New Teardown: New Hi Res Walkman and 1979 TPS-L2 Walkman
by Sony - 2015-03-05 16:50 - 8,355 views
For more info http://bit.ly/1coitzG On a Throwback Thursday, we've got a special teardown for you. Over 35 years ago in 1979 the Sony Walkman TPS-L2 was released. Flash- forward to today, and we've got newly released Hi Res Walkman music players. These new Walkman units are capable of handling a variety of digital audio formats, ranging from standard CD-ripped tunes, to 192kHz/24-bit high-resolution audio, the A17 delivers sound that is up to 6- times the resolution when compared to a standard CD, providing support MP3, WMA, WMA lossless, AAC, FLAC, AIFF, WAV, and ALAC, for a sublime audio experience. With the help of Tekzilla’s Patrick Norton, the SGNL by Sony team takes a look inside both old and new models to see what’s changed over the years besides the sound quality. For more information on Sony Hi Res http://bit.ly/1coitzG About the 64 GB Hi-Res Walkman Digital Music Player http://bit.ly/1r9CpMW

       1        

| Total | 2015-03-10 | 2015-03-05 | 2015-01-19 | 2015-01-09 | 2015-01-07 |
All Rights Reserved© Alldatasheet.com 2003 - 2013