Total : 8 ( 1/1 Pages)
From EW 2015 show - NFC Transceiver IC demo
by STMicroelectronics - 2015-03-09 17:29 - 52,930 views
Find out more information: http://www.st.com/nfc-transceivers ST NFC/RFID transceiver ICs based on the 13.56 MHz RFID, communicating with main processor through standard serial interfaces (SPI, I²C, UART) and upporting ISO 14443A/B, ISO 15693 and NFC protocols.
From EW2015 show - Water meter reference design
by STMicroelectronics - 2015-03-09 17:28 - 63,615 views
Find out more information: http://www.st.com/stm32l1 Live demonstration of STM32L053 powering a water meter application
From EW 2015 show - Live workshop experience with STM32
by STMicroelectronics - 2015-03-09 17:28 - 59,559 views
Find out more information: http://www.st.com/stm32 Easy development with STM32. A real experience of developers actively testing and evaluating the benefits of STM32 Nucleo development platform. The ST maker faire at EW2015: insights and live practice with ST experts
ST at Embedded World 2015
by STMicroelectronics - 2015-03-09 17:15 - 60,142 views
Find out more information: http://www.st.com ST at Embedded World 2015, Nuremberg, Germany.
From EW 2015 show, New STM32 F3 motor control ecosystem
by STMicroelectronics - 2015-03-09 17:14 - 35,587 views
Find out more information: http://www.st.com/stm32f3 http://www.st.com/motor-control ST's Motor control library has automatic motor parameter detection and delivers an easy way to start-up and evaluate different kinds of motors
From EW 2015 show, Fast and easy prototyping with STM32
by STMicroelectronics - 2015-03-09 17:13 - 33,694 views
Find out more information: http://www.st.com/stm32 Example of a smartwatch prototype based on the STM32 Open Development Environment
From EW 2015 show, New STM32 L4 Series
by STMicroelectronics - 2015-03-09 16:46 - 15,387 views
Find out more information: http://www.st.com/stm32l4 Meet ST’s latest ultra low-power MCU, the STM32 L4 Series, which sets new benchmarks for ULP efficiency while shattering performance limitations.
From EW 2015 show - STM32 F7: the accelerated mechanisms of a smart architecture
by STMicroelectronics - 2015-03-09 16:45 - 14,582 views
Find out more information: http://www.st.com/stm32f7 and http://www.arm.com Discover why the STM32 F7 is a perfect fit for the development Internet of Things devices and applications when combined with the ARM mbed OS.

       1        

| Total | 2015-03-11 | 2015-03-09 | 2015-03-06 | 2015-02-04 | 2015-01-19 |
All Rights Reserved© Alldatasheet.com 2003 - 2013