Popular News
Daily News
Total : 242 ( 8/25 Pages)
STBB - high efficiency, single inductor, dual mode buck-boost DC-DC converters from 0.8A to 2A
by STMicroelectronics - 2013-12-17 10:35 - 43,288 views
The STBB1-A, STBB2 an STBB3J are fixed frequency, high efficiency, buck-boost DC-DC converters with integrated MOSFET switches. Output voltages ranging from 1.2 V to 5.5 V can be generated from any input voltage between 2.0 V and 5.5 V. The devices can thereby operate with input voltages higher than, equal to, or lower than the output voltage making the product suitable for lithium-Ion or multi-cell alkaline or NiMH powered applications. The devices offer soft start control, thermal shutdown and current limiting. Packages are DFN10 of flip chip with 20 bumps. For more information, please visit www.st.com/dcdc
STM8S 8-bit MCU series
by STMicroelectronics - 2013-12-11 11:43 - 37,544 views
Find out more: www.st.com/stm8s STM8S 8-bit MCU series 8-bit microcontrollers for industrial and mass-market applications
TDA7802 power amplifier
by STMicroelectronics - 2013-10-15 14:21 - 7,914 views
Analog power amplifier with digital input compliant with automotive start-stop systems www.st.com/sbi-poweramp
M24LR-Discovery kit demonstration
by STMicroelectronics - 2013-10-11 15:42 - 7,279 views
For more information, please visit www.st.com/nfc-rfid Take a tour to the M24LR04E discovery kit, showcasing ST's Dual Interface EEPROM products with their breakthrough energy harvesting function and interactive data exchange with NFC phones
NFC and connected devices with M24LR series
by STMicroelectronics - 2013-10-11 15:41 - 6,493 views
For more information, please visit www.st.com/nfc-rfid Discover how ST's NFC solutions augment the user experience by easing Bluetooth pairing between NFC phones and devices
M24LR16E energy harvesting video demonstration
by STMicroelectronics - 2013-10-08 15:44 - 14,239 views
Find out more: www.st.com/nfc-rfid This video illustrates how the M24LR16E harvests energy coming from RFID systems to power the board it is mounted on, enabling innovative battery-less designs.
STM32 -- Powering the 2013 Stanford solar car Luminos
by STMicroelectronics - 2013-09-06 17:21 - 6,776 views
Powered in part by the STM32, the Stanford solar car project "Luminos" will be racing across the Australian outback in the 2013 World Solar Challenge (October 6-13, 2013)
Industry's first 650 V automotive-grade MOSFETs in TO-247
by STMicroelectronics - 2013-08-24 12:15 - 11,709 views
Find out more: www.st.com/automotive-mosfets-to247 This short presentation gives you an overview of ST's high-voltage MOSFET technologies for automotive applications. It describes the key features and target applications of the industry's first AEC- Q101 qualified power MOSFETs in TO-247 and presents test measurements performed in a 2 kW PFC working in CCM.
ST Life.Augmented
by STMicroelectronics - 2013-08-08 16:03 - 10,144 views
STMicroelectronics is one of the world's largest semiconductor companies, offering one of the industry's broadest product portfolios, ST products are found everywhere microelectronics make a positive and innovative contribution to people's lives. This is why we say that ST stands for "Life.augmented."
High performance indoor navigation
by STMicroelectronics - 2013-07-26 17:16 - 7,315 views
Indoor navigation system based on ST's MEMS sensor and CSR's location technology

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-09 | 2015-03-06 | 2015-02-04 | 2015-01-19 |
All Rights Reserved© Alldatasheet.com 2003 - 2013