Popular News
Daily News
Total : 242 ( 10/25 Pages)
SPC5 Studio
by STMicroelectronics - 2013-06-18 17:09 - 6,246 views
Integrated development environment for the SPC5 family of 32-bit automotive MCUs
HVLED series offline LED driver - Lighting the future
by STMicroelectronics - 2013-06-15 12:10 - 6,352 views
Discover ST's new HVLED series at http://www.st.com/hvled. HVLED805, HVLED815PF, HVLED807PF AC-DC LED drivers enhance the design of reliable and efficient retrofit solutions with ultra-compact LED bulbs
50 V DMOS STAC® series
by STMicroelectronics - 2013-06-07 10:08 - 5,630 views
The new 50 V DMOS series with lower thermal resistance
MATLAB/Simulink design workflow for STM32F4
by STMicroelectronics - 2013-05-21 16:40 - 9,612 views
This video demonstrates the possibilities for developing using STM32F4 MATLAB/Simulink applications. Based on a motor- control example, it explains MATLAB/Simulink workflow development. The first step is pure simulation on a PC followed by a processor in the loop (PIL) test and then final development using the block set library provided. It demonstrates the benefits of such a development regarding code quality and time to develop..
ST MEMS sensors in real applications -- some use cases
by STMicroelectronics - 2013-05-11 09:26 - 4,043 views
ST MEMS sensors are successfully used in a wide range of applications, from motion-based user-interfaces in handheld devices to sport and weather monitoring. The video shows some examples of final products whose interface use ST sensors
Internet of things with a smart vehicle tracking system
by STMicroelectronics - 2013-05-11 09:26 - 3,733 views
This video desmonstrates STEVAL-IEG001V1, a smart vehicle tracking system reference design based on GPS-GLONASS/GSM-GPRS. The design consists of a vehicle unit and a remote web server application where the vehicle status and movement information may be viewed in an intuitive way on the map. The system includes ST's STM32F2 MCU, Fastrax GNSS TESEO II and 3-axis accelerometer LIS331DLH and gyroscope L3G4200D.
ST31 platform high speed dual interface secure MCU
by STMicroelectronics - 2013-05-11 09:26 - 4,050 views
This demonstration shows the performances and abilities of the new high speed dual interface ST31 platform. This platform targets multi application such as Banking, Transport and Identity.
MEMS-based gesture recognition interface for smart TVs
by STMicroelectronics - 2013-05-11 09:25 - 4,056 views
This video shows a smartphone used to browse the content in a smart TV. The interaction is based on advanced gesture recognition achieved using a combination of MEMS sensors and iNEMO sensor fusion software.
NFC for computer and consumer devices
by STMicroelectronics - 2013-05-10 17:39 - 4,586 views
How to use NFC in your daily life
FD-SOI technology
by STMicroelectronics - 2013-05-10 17:39 - 4,975 views
A demonstration of fully-depleted silicon-on-insulator 28 nm technology running at 3 GHz, powering a tablet application.

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-09 | 2015-03-06 | 2015-02-04 | 2015-01-19 |
All Rights Reserved© Alldatasheet.com 2003 - 2013