Popular News
Daily News
Total : 37 ( 4/4 Pages)
AM188EM-33KC - EMBEDDED STORAGE PRODUCT used in everyday office applications
by Rochester - 2013-08-12 14:01 - 4,226 views
The AM188EM microcontrollers were designed to meet the most common requirements of embedded storage products developed for the office automation, mass storage, communications, and general embedded markets. Specific application include disk drives, hand-held terminals and desktop terminals, fax machines, printers, photocopiers, feature phones, cellular phones, PBXs, multiplexers, modems and industrial controls.
CLC425A - ULTRA LOW NOISE OP AMP with a wide variety of applications
by Rochester - 2013-08-12 14:00 - 4,893 views
The CLC425 combines a wide bandwidth (1.9GBW) with a very low input noise and low dc errors to provide a very precise, wide dynamic range op amp offering closed-loop gains of ≥10. The CLC425’s combination of ultra low noise, wide gain bandwidth, high slew rate and low dc errors will enable applications in areas such as medical diagnostic ultrasound, magnetic tape & disk storage, communications and opto-electronics to achieve maximum high frequency signal-to-noise ratios.
CA3082 - HIGH CURRENT NPN TRANSISTOR for general purpose applications
by Rochester - 2013-08-12 14:00 - 5,369 views
The CA3081 and CA3082 consist of seven high current (to 100mA) silicon NPN transistors on a common monolithic substrate. The CA3081 is connected in a common collector configuration. The CA3081 and CA3082 are capable of directly driving seven segment displays, and light emitting diode (LED) displays. These types are also well suited for a variety of other drive applications, including relay control and thyristor. The CA3081 is a common emitter array while the CA3082 is a common collector array.
AM7200-25JC - RAM BASED FIRST-IN FIRST-OUT useful in a wide range of applications
by Rochester - 2013-08-12 13:59 - 4,718 views
The Am7200 is a RAM-based CMOS FIFO that is 256 words deep with 9-bit wide words. It is expandable to any width and/or depth to create much larger FIFOs. This FIFO can input and output data asynchronously and simultaneously at data rates from 0 to 28.5 MHz for Standard Products. Status flags are provided to signify empty, full and half-full conditions. The ability to buffer large transfers of data and the rate adaption capabilities make the Am7200 useful in communication, image processing, mass storage, DSP, and printing systems.
AM186ED-40KI - ADVANCED MICROCONTROLLER from the Am186™ED/EDLV family
by Rochester - 2013-08-12 13:58 - 5,064 views
The Am186™ED/EDLV microcontrollers are part of the AMD E86™ family of embedded microcontrollers and microprocessors based on the x86 architecture. A complete DRAM controller is integrated to take advantage of low DRAM costs. This reduces memory subsystem costs while maintaining SRAM performance. The Am186ED/EDLV microcontrollers are the ideal upgrade for 80C186/188 designs requiring 80C186/188 compatibility, increased performance, serial communications, a direct bus interface, and more than 64K of memory.
AM79C984AJC - CMOS LAN HUB CONTROLLER for non-managed multiport repeaters
by Rochester - 2013-08-12 13:57 - 23,117 views
The enhanced Integrated Multiport Repeater (eIMR) device is a VLSI integrated circuit that provides a system-level solution to designing non-managed multiport repeaters. The eIMR device provides four Twisted Pair (TP) ports and one RAUI port for direct connection to MAC. The total number of ports per repeater unit can be increased by connecting multiple eIMR devices through their expansion ports, hence, minimizing the total cost per repeater port. The device is fabricated in CMOS technology and requires a single +5-V supply.
29705 - A TWO OUTPUT PORT SRAM featuring separate output control
by Rochester - 2013-08-12 13:56 - 23,617 views
The Am29705A is a 16-word by 4-bit, two-port RAM. This RAM features two separate output ports such that any two 4-bit words can be read from these outputs simultaneously. Each output port has a four-bit Latch but a common Latch Enable (LE) input is used to control all eight latches. The Am29705A is a plug-in replacement for the Am29705, but is significantly faster. The Am29705A and Am29707 feature AMD’s advanced ionimplanted micro-oxide (IMOX) processing.

       1 2 3 4        

| Total | 2013-08-12 | 2013-08-10 | 2012-07-18 |
All Rights Reserved© Alldatasheet.com 2003 - 2013