Popular News
Daily News
Total : 37 ( 2/4 Pages)
TP80C51FA - POWERFUL MICROCONTROLLER from the MCS® 51 controller family
by Rochester - 2013-08-12 14:16 - 4,898 views
The Intel 80C51FX is a single-chip control oriented microcontroller which is fabricated on CHMOS III technology. Being a member of the MCS® 51 controller family, the 80C51FX uses the same powerful instruction set, has the same architecture, and is pin-for-pin compatible with other MCS 51 controller products. Its added features make it an even more powerful microcontroller for applications that require Pulse Width Modulation, High Speed I/O and up/down counting capabilities such as motor control.
TN87C196KC-20 - POWERFUL MICROCONTROLLER for use in the automotive market
by Rochester - 2013-08-12 14:15 - 4,925 views
The 80C196KC 16-bit microcontroller is a high performance member of the MCS® 96 microcontroller family. The 80C196KC is an enhanced 80C196KB device with 488 bytes RAM, 16 and 20 MHz operation and an optional 16 Kbytes of ROM/OTPR OM. Four highspeed capture inputs are provided to record times when events occur. Six high-speed outputs are available for pulse or waveform generation. The high-speed output can also generate four software timers or start an A/D conversion. Events can be based on the timer or up/down counter.
TN87C51FA - POWERFUL MICROCONTROLLER from the MCS® 51 controller family
by Rochester - 2013-08-12 14:15 - 4,546 views
The Intel 80C51FX is a single-chip control oriented microcontroller which is fabricated on CHMOS III technology. Being a member of the MCS® 51 controller family, the 80C51FX uses the same powerful instruction set, has the same architecture, and is pin-for-pin compatible with other MCS 51 controller products. Its added features make it an even more powerful microcontroller for applications that require Pulse Width Modulation, High Speed I/O and up/down counting capabilities such as motor control.
SN74HC298N - RELIABLE 2-INPUT MULTIPLEXER with compound left-right capability
by Rochester - 2013-08-12 14:15 - 4,318 views
This quadruple two-input multiplexer with storage provides essentially the equivalent functional capabilities of two separate MSI functions in a single 16-pin package. When the Word-Select (WS) input is low, word one is applied to the flip-flops. A high Word- Select input causes word two to be selected. The selected word is clocked to the output terminals on the negative-going edge of the clock pulse. While the SN54HC298 is functional over the full military temperature range, the SN74HC298 is characterized for operation over industrial temperature ranges (-40°C to +85°C)
N80C188-25 - Introducing new features to the 80186/C188 family
by Rochester - 2013-08-12 14:13 - 4,077 views
The 80C186/C188 is a CMOS high-integration microprocessor. It has features that are new to the 80186/80188 Family, which include a DRAM refresh control unit, and power-save mode. When used in “compatible” mode, the 80C186/C188 is 100% pin-for-pin compatible with the NMOS 80186/80188 except for 8087 applications). The Enhanced mode of operation allows the full feature set of the 80C186/C188 to be used. The 80C186/ 80C188 is upward compatible with 8086 and 8088 software and fully compatible with 80186 and 80188 software.
MM74HC123AN-G - MONOSTABLE MULTIVIBRATOR now available in a lead-free package
by Rochester - 2013-08-12 14:13 - 4,128 views
The MM74HC123A high speed monostable multivibrator (one shot) utilizes advanced silicon-gate CMOS technology. It feature speeds comparable to low power Schottky TTL circuitry while retaining the low power and high noise immunity characteristic of CMOS circuits. The MM74HC123A is retriggerable. That is it may be triggered repeatedly while its outputs are generating a pulse and the pulse will be extended. Pulse width stability over a wide range of temperature and supply is achieved using linear CMOS techniques.
MM54C89J - MILITARY TEMPERATURE SRAM in a 16-pin ceramic DIP package
by Rochester - 2013-08-12 14:12 - 4,143 views
The MM54C89/MM74C89 is a 16-word by 4-bit random access read/write memory. Inputs to the memory consist of four address lines, four data input lines, a write enable line and a memory enable line. The four binary address inputs are decoded internally to select each of the 16 possible word locations. It features a wide supply voltage range of 3.0V to 15V and a guaranteed noise margin of 1.0V. The four TRI-STATE data output lines working in conjunction with with the memory enable input provide for easy memory expansion.
MAX3657ETC-G - TRANSIMPEDANCE AMPLIFIER now available in a lead-free package
by Rochester - 2013-08-12 14:12 - 4,278 views
The MAX3657 is a transimpedance preamplifier for receivers operating up to 155Mbps. The low noise, high gain, and low-power dissipation make it ideal for Class-B and Class-C passive optical networks (PONs). The functional diagram of the MAX3657 comprises a transimpedance amplifier, a voltage amplifier, a DC-cancellation circuit, and a CML output buffer. The circuit features 14nA input-referred noise, 130MHz bandwidth, and 2mA input overload. Low jitter is achieved without external compensation capacitors.
LM6161J - ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
by Rochester - 2013-08-12 14:11 - 4,067 views
The LM6161 family of high-speed amplifiers exhibits an excellent speed-power product in delivering 300 V/μs and 50 MHz unity gain stability with only 5 mA of supply current. Further power savings and application convenience are possible by taking advantage of the wide dynamic range in operating supply voltage which extends all the way down to +5V. These amplifiers are built with National’s VIP™ (Vertically Integrated PNP) process which provides fast PNP transistors that are true complements to the already fast NPN devices.
LM4665LDX-G - NATIONAL’S AUDIO AMPLIFIER now featuring RoHS compliancy
by Rochester - 2013-08-12 14:09 - 4,012 views
The LM4665 is a fully integrated single-supply high effiency switching audio amplifier. It features an innovative modulator that eliminates the LC output filter used with typical switching amplifiers. Eliminating the output filter reduces parts count, simplifies circuit design, and reduces board area. The LM4665 processes analog inputs with a deltasigma modulation technique that lowers output noise and THD when compared to conventional pulse width modulators.

       1 2 3 4         

| Total | 2013-08-12 | 2013-08-10 | 2012-07-18 |
All Rights Reserved© Alldatasheet.com 2003 - 2013