Popular News
Daily News
Total : 656 ( 10/66 Pages)
MAXimise your design with RX & IAR
by Renesas - 2014-03-10 15:02 - 2,238 views
Renesas Electronics, the number 1 MCU supplier in the world, is strengthening its famous 'RX Maximisation Program' by subsidizing one Free license of the IAR Systems for qualified projects. IAR Embedded Workbench C/C++ RX compiler, debugger and editor offers an easy to use and powerful Integrated Development Environment for the RX MCU family. The RX family - a true 32-bit microcontroller platform offers many flavours including RX100, RX200 and RX600 families with widest choice of flash memories from 8KB to 4MB and operating frequencies from 32Mhz to 240Mhz with full instruction compatibility. For more information, visit http://www.renesas.eu/rxmax
Renesas R-IN32M3 Multi-Protocol Industrial Ethernet Controller
by Renesas - 2014-03-07 12:14 - 2,563 views
This video gives an overview about the R-IN32M3 series of Industrial Ethernet Controller The R-IN32M3 series of Industrial Ethernet Controller is designed to support a broad range of industrial Ethernet protocols. Optimized integration options, emphasis on low power design and a high level of integration make it a very powerful, compact, power optimized device with a low overall bill of material cost. Smart integration of dedicated hardware accelerators allow to offer significant more processing power for applications than similar CPU designs without such accelerators. More details: http://www.renesas.eu/r-in Key features: - ARM® Cortex™-M3 based CPU subsystem clocked at 100MHz clock, 5-10 times faster on Ethernet Packet Processing thanks to HW offload engines - Hardware offload engines take significant load from the main CPU - Hardware Real-time OS Accelerator (HW-RTOS) - Hardware Ethernet Accelerators (IP/TCP/UDP Check Sum, Header ENDEC, Buffer manager) - 1.3 Mbytes of on-chip RAM - 2-port Real-Time Gigabit Switch, supports cut-through and store&forward operating modes as well as IEEE1588 PTP and Dev...
カーエレJAPAN2014 車載ディスプレイオーディオソリューション
by Renesas - 2014-03-06 10:51 - 1,685 views
低コストで高機能なディスプレイオーディオを実現するソリューションを紹介します。
カーエレJAPAN2014 Ethernet AVBソリューション
by Renesas - 2014-03-06 10:50 - 1,898 views
R-Car H2 のEthernet AVBを使ったカメラ画像データ受信デモです。
カーエレJAPAN2014 ハイエンド車載インフォテイメント向けプラットフォームソリューション
by Renesas - 2014-03-06 10:50 - 1,826 views
業界最高性能の車載情報端末向けSoC上で、高度な3D GUI描画とFullHD動画再生を同時に処理します。
カーエレJAPAN2014 AUTOSARへの取り組み~名古屋大学との連携~
by Renesas - 2014-03-06 10:49 - 1,959 views
大学とのコラボ企画、AUTOSAR仕様に基づくTOPPERS/ATK2の開発をご­紹介します。
カーエレJAPAN2014 車載制御システムへの取り組み
by Renesas - 2014-03-06 10:48 - 1,689 views
RH850を用いた評価ボードと開発環境について紹介しています。
カーエレJAPAN2014 HEV/EVモータ駆動システム・ソリューション
by Renesas - 2014-03-06 10:45 - 1,250 views
実車評価できるシステムレベルのキットソリューションを提案、 レアアースレスのSRモ­ータをマイコンのみで制御します。また、 制御が困難なBLDCモータ制御を簡単にする­ソリューションをご紹介します。
カーエレJAPAN2014 車載システムの開発を強力に支援する開発環境
by Renesas - 2014-03-06 10:43 - 1,563 views
CubeSuite+を用いた統合型開発環境について紹介しています。
カーエレJAPAN2014 車載情報システムへの取り組み
by Renesas - 2014-03-06 10:43 - 1,762 views
R-Carを用いた車載情報システムの概要について紹介しています。

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-09 | 2015-03-06 | 2015-03-05 | 2015-03-04 |
All Rights Reserved© Alldatasheet.com 2003 - 2013