Total : 65 ( 1/7 Pages)
Broadband SPDT Switch Product Annoucement
by RFMDevices - 2013-05-25 12:25 - 4,437 views
The RF1602 is a single-pole dual-throw (SPDT) switch designed for switching applications requiring very low insertion loss and high power handling capability coupled with minimal DC power consumption. The excellent linearity performance achieved by the RF1602 makes it ideal for use in SV-LTE, WCDMA, and CDMA applications. The RF1602 offers very high isolation between RF ports providing greater separation between transmit and receive paths. The RF1602 is packaged in a very compact 2mm x 2mm x 0.55mm 12-Pin QFN package. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF1602.aspx?DC=25
3.3V, 2.4GHz Front End Module Product Announcement
by RFMDevices - 2013-05-25 12:25 - 4,065 views
The RF6505 integrates a complete solution in a single Front End Module (FEM) for WiFi and ZigBee® applications in the 2.4GHz to 2.5GHz band. This FEM integrates the PA plus harmonic filter in the transmit path and the LNA with bypass mode in the receive side. It provides a single balanced TDD access for Rx and Tx paths along with two ports on the output for connecting a diversity solution or a test port. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF6505.aspx?DC=25
3.0V to 4.2V, 2.4GHz Front End Module
by RFMDevices - 2013-05-25 12:24 - 5,328 views
The RF6525 integrates a complete solution in a single Front End Module (FEM) for ZigBee® applications in the 2.4GHz to 2.5GHz band. This FEM integrates the PA plus harmonic filter in the transmit path and the LNA with bypass mode in the receive side. It also integrates a diversity switch and provides balanced input and output signals for both the Tx and Rx paths respectively. The RF6525 FEM is ideal for ZigBee® systems operating with a minimum output power of 20dBm and high efficiency requirements. On the receive path, the Rx Chain provides 11.5dB of typical gain with only 7mA of current and excellent NF of 2.5dB. This FEM meets or exceeds the system requirements for ZigBee® applications operating in the 2.4GHz to 2.5GHz band. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF6525.aspx?DC=25
CATV EDGE QAM Surface Mount Amplifier Product Announcement
by RFMDevices - 2013-05-25 12:24 - 4,258 views
The RFAM2790 is an Integrated Edge QAM Amplifier Module. The part employs GaAs pHEMT die, GaAs MESFET die, a 20dB range variable attenuator and a power enable feature, has high output capability, and is operated from 45MHz to 1003MHz. It provides excellent linearity and superior return loss performance with low noise and optimal reliability. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RFAM2790.aspx?DC=25
Low Noise Push-Pull Amplifier Product Announcement
by RFMDevices - 2013-05-25 12:23 - 4,145 views
RFMD®'s RFCA8818 is a low-noise, linear high performance GaAs MESFET MMIC Amplifier. The RFCA8818 contains two amplifiers for use in wideband push-pull CATV amplifiers requiring excellent second order performance. The second and third order non-linearities are greatly improved in the push-pull configuration. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-RFCA8818_P.aspx
GaN CATV Surface Mount Power Doubler Module
by RFMDevices - 2013-05-25 12:11 - 5,552 views
The RFCM2680 is a Power Doubler amplifier SMD Module. The part employs GaAs pHEMT die and GaN HEMT die, has high output capability, and is operated from 45MHz to 1003MHz. It provides excellent linearity and superior return loss performance with low noise and optimal reliability. DC current of the device can be externally adjusted for optimum distortion performance versus power consumption over a wide range of output level. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RFCM2680.aspx?DC=25
High Gain GaAs/GaN CATV Hybrid Amplifier
by RFMDevices - 2013-05-25 12:10 - 4,783 views
The RFPP2870 is a Hybrid Push Pull amplifier module. The part employs GaAs MESFET, GaAs pHEMT and GaN HEMT die and is operated from 40MHz to 1003MHz. It provides excellent linearity and superior return loss performance with low noise and optimal reliability. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RFPP2870.aspx?DC=25
RFMD® High-Reliability Manufacturing Capabilities
by RFMDevices - 2013-05-25 12:10 - 5,000 views
RFMD® has designed and manufactured standard and custom RF and microwave ICs, MMICs, and modules for aerospace, defense, and homeland security applications for 50+ years. Our breadth of products and manufacturing capability, combined with our expertise in understanding program requirements, results in a complete solution for RF and microwave applications. http://www.rfmd.com/products/HRMSC/default.aspx
RFMD® High Power Packaging Capabilities
by RFMDevices - 2013-05-25 12:10 - 5,277 views
RFMD® develops and manufactures unmatched compound semiconductor technologies and offers foundry services for our industry-leading 0.5μm GaN on SiC process technologies. RFMD's world-class manufacturing scale - supported by the largest III-V factory in the world - enables best-in-class cycle times backed by our on-time shipment pledge. RFMD's track record as a high-volume, reliable supplier has earned us "preferred partner" status with the industry's top OEMs while our extraordinary level of customer service continues to set us apart from the competition. http://www.rfmd.com/products/highpowergan/
RFMD® Integrated Synthesizer and Mixer Design Kit Quick Start
by RFMDevices - 2013-05-25 12:09 - 4,283 views
The DK205x and DKFC design kits have been developed to enable an in-depth evaluation with minimum effort. All design kits consist of an evaluation board with a plug-in USB serial adapter, a USB cable, and a 5pcs sample bag. The programming tool software can be downloaded from the RFMD website using the links below. The software has been designed for 32-bit and 64-bit PCs running Windows 2000, XP, Vista, and 7. http://www.rfmd.com/products/IntSynthMixer/default.aspx

       1 2 3 4 5 6 7         

| Total | 2014-09-01 | 2014-08-01 | 2013-05-25 | 2013-05-10 |
All Rights Reserved© Alldatasheet.com 2003 - 2013