Popular News
Daily News
Total : 87 ( 4/9 Pages)
RFMD® High Power Packaging Capabilities
by RFMDevices - 2013-05-25 12:10 - 5,277 views
RFMD® develops and manufactures unmatched compound semiconductor technologies and offers foundry services for our industry-leading 0.5μm GaN on SiC process technologies. RFMD's world-class manufacturing scale - supported by the largest III-V factory in the world - enables best-in-class cycle times backed by our on-time shipment pledge. RFMD's track record as a high-volume, reliable supplier has earned us "preferred partner" status with the industry's top OEMs while our extraordinary level of customer service continues to set us apart from the competition. http://www.rfmd.com/products/highpowergan/
RFMD® Integrated Synthesizer and Mixer Design Kit Quick Start
by RFMDevices - 2013-05-25 12:09 - 4,283 views
The DK205x and DKFC design kits have been developed to enable an in-depth evaluation with minimum effort. All design kits consist of an evaluation board with a plug-in USB serial adapter, a USB cable, and a 5pcs sample bag. The programming tool software can be downloaded from the RFMD website using the links below. The software has been designed for 32-bit and 64-bit PCs running Windows 2000, XP, Vista, and 7. http://www.rfmd.com/products/IntSynthMixer/default.aspx
Smart Grid - ZigBee® HAN/Smart Energy Demonstration
by RFMDevices - 2013-05-25 11:06 - 3,907 views
RFMD's portfolio of single-chip integrated front end modules (FEMs) are developed for high-performance ZigBee® Home Area Network(HAN) / Smart Energy applications in the 2.4 GHz to 2.5 GHz ISM band. The RF6525, RF6515, and RF6535 are specifically designed to operate with the Ember EM300 Series System-on-Chips (SoCs) - EM351 and EM357, EM250 SoC, and EM260 co-processor. The FEMs address the need for aggressive size reduction in an IEEE 802.15.4 front end design and offer a reduced footprint and minimized component count. http://www.youtube.com/redirect?q=http%3A%2F%2Fwww.rfmd.com%2Fember%2Fzigbeerf.aspx&session_token=79s6VpG0G1SKGtXpqeuDNvwBKvt8MTM2OTUzMzE5OEAxMzY5NDQ2Nzk4
GaN Wideband Pulsed Power Amplifier
by RFMDevices - 2013-05-25 11:05 - 5,187 views
The RF3928 is a 50V 280W high power discrete amplifier designed for S-Band pulsed radar, Air Traffic Control and Surveillance and general purpose broadband amplifier applications. Using an advanced high power density Gallium Nitride (GaN) semiconductor process, these high-performance amplifiers achieve high output power, high efficiency and flat gain over a broad frequency range in a single package. The RF3928 is a matched GaN transistor packaged in a hermetic, flanged ceramic package. This package provides excellent thermal stability through the use of advanced heat sink and power dissipation technologies. Ease of integration is accomplished through the incorporation of simple, optimized matching networks external to the package that provide wideband gain and power performance in a single amplifier. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF3928.aspx?DC=25
30MHz to 2500MHz, 9W GaN Wideband Power Amplifier
by RFMDevices - 2013-05-25 11:05 - 4,450 views
The RF3826 is a wideband Power Amplifier designed for CW and pulsed applications such as wireless infrastructure, RADAR, two way radios and general purpose amplification. Using an advanced high power density Gallium Nitride (GaN) semiconductor process, these high-performance amplifiers achieve high efficiency, flat gain and large instantaneous bandwidth in a single amplifier design. The RF3826 is an input matched GaN transistor packaged in an air cavity ceramic package which provides excellent thermal stability through the use of advanced heat sink and power dissipation technologies. Ease of integration is accomplished through the incorporation of optimized input matching network within the package that provides wideband gain and power performance in a single amplifier. An external output match offers the flexibility of further optimizing power and efficiency for any sub-band within the overall bandwidth. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF3826.aspx?DC=25
Broadband High Performance Voltage-Controlled Attenuators
by RFMDevices - 2013-05-25 11:04 - 4,272 views
RFMD's RFSA2013 is a fully monolithic analog voltage controlled attenuator (VCA) featuring exceptional linearity over a minimum temperature compensated 30dB gain control range. It incorporates a revolutionary new circuit architecture to solve a long standing industry problem: high IP3, high attenuation range, low DC current, broad bandwidth and temperature compensated linear in dB control voltage characteristic. This voltage controlled attenuator is controlled by a single positive control voltage with on chip DC conditioning circuitry. The slope of the control voltage versus gain is selectable. The RFSA2013 draws a very low 1mA current and is packaged in a small 3mm x 3mm QFN. This attenuator is matched to 50Ω over its rated control range and frequency with no external matching components required. Typical VCA's in this performance category have poor inherent attenuation versus temperature and poor nonlinear attenuation versus control voltage characteristics. To correct these shortcomings, other VCA's require extensive off chip analog support circuitry that consume valuable PCB area and additional DC power. This game changing product incorporates the complete solution in a smal...
50MHz to 1000MHz, 15W GaN Wideband Power Amplifier
by RFMDevices - 2013-05-25 11:04 - 4,369 views
The RFHA1000 is a wideband Power Amplifier designed for CW and pulsed applications such as wireless infrastructure, RADAR, two way radios and general purpose amplification. Using an advanced high power density Gallium Nitride (GaN) semiconductor process, these high-performance amplifiers achieve high efficiency, flat gain, and large instantaneous bandwidth in a single amplifier design. The RFHA1000 is an input matched GaN transistor packaged in an air cavity ceramic package which provides excellent thermal stability through the use of advanced heat sink and power dissipation technologies. Ease of integration is accomplished through the incorporation of optimized input matching network within the package that provides wideband gain and power performance in a single amplifier. An external output match offers the flexibility of further optimizing power and efficiency for any sub-band within the overall bandwidth. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RFHA1000.aspx?DC=25
30MHz to 512MHz, 9W GaN Wideband Power Amplifier
by RFMDevices - 2013-05-25 11:03 - 4,701 views
The RFHA1003 is a wideband Power Amplifier designed for CW and pulsed applications such as wireless infrastructure, RADAR, two way radios and general purpose amplification. Using an advanced high power density Gallium Nitride (GaN) semiconductor process, these high-performance amplifiers achieve high efficiency, flat gain, and large instantaneous bandwidth in a single amplifier design. The RFHA1003 is an input matched GaN transistor packaged in an air cavity ceramic package which provides excellent thermal stability through the use of advanced heat sink and power dissipation technologies. Ease of integration is accomplished through the incorporation of optimized input matching network within the package that provides wideband gain and power performance in a single amplifier. An external output match offers the flexibility of further optimizing power and efficiency for any sub-band within the overall bandwidth. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RFHA1003.aspx?DC=25
2.0V to 3.6V, 2.4GHz Front End Module
by RFMDevices - 2013-05-25 11:03 - 4,658 views
The RF6555 integrates a complete solution in a single Front End Module (FEM) for WiFi and ZigBee® applications in the 2.4GHz to 2.5GHz band. This FEM integrates the PA plus harmonic filter in the transmit path. The RF6555 also has an integrated LNA with bypass mode internally. The RF6555 provides a single balanced TDD access for Rx and Tx paths along with two ports on the output for connecting a diversity solution or a test port. The device is provided in a 5mm x 5mm x 1mm, 24-pin laminate package. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF6555.aspx?DC=25#t=1
Power Management IC
by RFMDevices - 2013-05-25 11:02 - 5,467 views
The RF6650 is a pulse width modulated (PWM), voltage-mode controlled DC-DC converter unit designed to supply power to a W-CDMA power amplifier. The output voltage is continuously programmable through the VSET analog input pin according to the transfer function VOUT = VSET x 2.5. The converter has been optimized for high efficiency at light current load conditions, fast transient response times to meet W-CDMA 25μs slot-to-slot transition specifications, and low noise by maintaining a constant switching frequency, while supplying up to 650mA in PWM controlled or bypass modes. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF6650.aspx?DC=25

       1 2 3 4 5 6 7 8 9         

| Total | 2014-09-01 | 2014-08-01 | 2013-05-25 | 2013-05-10 |
All Rights Reserved© Alldatasheet.com 2003 - 2013