Popular News
Daily News
Total : 87 ( 3/9 Pages)
GaAs HBT 400MHz to 2700MHz Power Amplifier
by RFMDevices - 2013-05-10 16:55 - 3,799 views
The RFPA1012 is a GaAs HBT linear power amplifier specifically designed for wireless infrastructure applications. Using a highly reliable GaAs HBT fabrication process, this high performance single-stage amplifier achieves ultra-high linearity over a broad frequency range. It also offers low noise figure making it an excellent solution for 2nd and 3rd stage LNAs. https://estore.rfmd.com/RFMD_Onlinest...
Linear CATV 40MHz to 1008MHz GaAs Amplifier
by RFMDevices - 2013-05-10 16:55 - 4,060 views
RFCA3302 is a high performance InGaP HBT MMIC amplifier designed to run from a single +5V supply without the need for an external dropping resistor. The high gain, high linearity and low distortion from 40MHz to 1008MHz make this part ideal for broadband cable applications. An integrated bias circuit provides stable gain over temperature and process variations. It is offered in a small SOT-89 package and is RoHS compliant. https://estore.rfmd.com/RFMD_Onlinest...
Broadband SPDT Switch Product Annoucement
by RFMDevices - 2013-05-25 12:25 - 4,437 views
The RF1602 is a single-pole dual-throw (SPDT) switch designed for switching applications requiring very low insertion loss and high power handling capability coupled with minimal DC power consumption. The excellent linearity performance achieved by the RF1602 makes it ideal for use in SV-LTE, WCDMA, and CDMA applications. The RF1602 offers very high isolation between RF ports providing greater separation between transmit and receive paths. The RF1602 is packaged in a very compact 2mm x 2mm x 0.55mm 12-Pin QFN package. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF1602.aspx?DC=25
3.3V, 2.4GHz Front End Module Product Announcement
by RFMDevices - 2013-05-25 12:25 - 4,065 views
The RF6505 integrates a complete solution in a single Front End Module (FEM) for WiFi and ZigBee® applications in the 2.4GHz to 2.5GHz band. This FEM integrates the PA plus harmonic filter in the transmit path and the LNA with bypass mode in the receive side. It provides a single balanced TDD access for Rx and Tx paths along with two ports on the output for connecting a diversity solution or a test port. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF6505.aspx?DC=25
3.0V to 4.2V, 2.4GHz Front End Module
by RFMDevices - 2013-05-25 12:24 - 5,328 views
The RF6525 integrates a complete solution in a single Front End Module (FEM) for ZigBee® applications in the 2.4GHz to 2.5GHz band. This FEM integrates the PA plus harmonic filter in the transmit path and the LNA with bypass mode in the receive side. It also integrates a diversity switch and provides balanced input and output signals for both the Tx and Rx paths respectively. The RF6525 FEM is ideal for ZigBee® systems operating with a minimum output power of 20dBm and high efficiency requirements. On the receive path, the Rx Chain provides 11.5dB of typical gain with only 7mA of current and excellent NF of 2.5dB. This FEM meets or exceeds the system requirements for ZigBee® applications operating in the 2.4GHz to 2.5GHz band. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RF6525.aspx?DC=25
CATV EDGE QAM Surface Mount Amplifier Product Announcement
by RFMDevices - 2013-05-25 12:24 - 4,258 views
The RFAM2790 is an Integrated Edge QAM Amplifier Module. The part employs GaAs pHEMT die, GaAs MESFET die, a 20dB range variable attenuator and a power enable feature, has high output capability, and is operated from 45MHz to 1003MHz. It provides excellent linearity and superior return loss performance with low noise and optimal reliability. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RFAM2790.aspx?DC=25
Low Noise Push-Pull Amplifier Product Announcement
by RFMDevices - 2013-05-25 12:23 - 4,145 views
RFMD®'s RFCA8818 is a low-noise, linear high performance GaAs MESFET MMIC Amplifier. The RFCA8818 contains two amplifiers for use in wideband push-pull CATV amplifiers requiring excellent second order performance. The second and third order non-linearities are greatly improved in the push-pull configuration. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-RFCA8818_P.aspx
GaN CATV Surface Mount Power Doubler Module
by RFMDevices - 2013-05-25 12:11 - 5,552 views
The RFCM2680 is a Power Doubler amplifier SMD Module. The part employs GaAs pHEMT die and GaN HEMT die, has high output capability, and is operated from 45MHz to 1003MHz. It provides excellent linearity and superior return loss performance with low noise and optimal reliability. DC current of the device can be externally adjusted for optimum distortion performance versus power consumption over a wide range of output level. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RFCM2680.aspx?DC=25
High Gain GaAs/GaN CATV Hybrid Amplifier
by RFMDevices - 2013-05-25 12:10 - 4,783 views
The RFPP2870 is a Hybrid Push Pull amplifier module. The part employs GaAs MESFET, GaAs pHEMT and GaN HEMT die and is operated from 40MHz to 1003MHz. It provides excellent linearity and superior return loss performance with low noise and optimal reliability. https://estore.rfmd.com/RFMD_Onlinestore/Products/RFMD+Parts/PID-P_RFPP2870.aspx?DC=25
RFMD® High-Reliability Manufacturing Capabilities
by RFMDevices - 2013-05-25 12:10 - 5,000 views
RFMD® has designed and manufactured standard and custom RF and microwave ICs, MMICs, and modules for aerospace, defense, and homeland security applications for 50+ years. Our breadth of products and manufacturing capability, combined with our expertise in understanding program requirements, results in a complete solution for RF and microwave applications. http://www.rfmd.com/products/HRMSC/default.aspx

       1 2 3 4 5 6 7 8 9         

| Total | 2014-09-01 | 2014-08-01 | 2013-05-25 | 2013-05-10 |
All Rights Reserved© Alldatasheet.com 2003 - 2013