Popular News
Daily News
Total : 87 ( 2/9 Pages)
3V to 5V 802.11n/ac High Linearity WiFi Front End Modules
by RFMDevices - 2013-05-10 17:03 - 3,982 views
RFMD's new high linearity WiFi front end modules provide complete integrated solution in a single front end module (FEM) for WiFi systems. The ultra-small form factor and integrated matching minimizes layout area in the application and greatly reduces the number of external components. This simplifies the total front end solution by reducing the bill of materials, system footprint, and manufacturability costs. Each of these devices integrates a power amplifier, switch, LNA with bypass, and a power detector coupler for improved accuracy and are provided in a 3mm x 3mm x 1.0mm, 16-pin laminate package. https://estore.rfmd.com/RFMD_Onlinest... https://estore.rfmd.com/RFMD_Onlinest...
3.0V TO 4.2V, ISM Band Transmit/Receive Module with Diversity Transfer Switch
by RFMDevices - 2013-05-10 17:02 - 3,585 views
The RFFM6904 is a single-chip front-end module (FEM) for applications in the 868MHz/900MHz ISM Band. The RFFM6904 addresses the need for aggressive size reduction for typical portable equipment RF front-end design and greatly reduces the number of components outside of the core chipset thus minimizing the footprint and assembly cost of the overall solution. The RFFM6904 contains an integrated 2 Watt PA, Tx/Rx transfer switch, LNA with bypass mode, and matching components. The RFFM6904 is packaged in a 32-pin, 8.0mm x 8.0mm x 1.2mm overmolded laminate package with backside ground which greatly minimizes next level board space and allows for simplified integration. https://estore.rfmd.com/RFMD_Onlinest...
2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module |
by RFMDevices - 2013-05-10 17:02 - 2,512 views
The RFFM8200 provides a complete integrated solution in a single Front End Module (FEM) for WiFi 802.11b/g/n and Bluetooth® systems. The ultra small form factor and integrated matching greatly reduces the number of external components and layout area in the customer application. This simplifies the total Front End solution by reducing the bill of materials, system footprint, and manufacturability cost. The RFFM8200 integrates a 2.4GHz Power Amplifier (PA), Low Noise Amplifier (LNA) with bypass mode, power detector coupler for improved accuracy, and some filtering for harmonic rejection. The device is provided in a 3mm x 3mm x 1.0mm, 16-pin package. This module meets or exceeds the RF Front End needs of IEEE 802.11b/g/n WiFi RF systems. https://estore.rfmd.com/RFMD_Onlinest... The RFFM8500 provides a complete integrated solution in a single Front End Module (FEM) for WiFi 802.11a/n systems. The ultra small form factor and integrated matching minimizes the layout area in the customer's application and greatly reduces the number of external components. This simplifies the total front end solution by reducing the bill of materials, system footprint, and manufacturability co...
2.7V TO 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
by RFMDevices - 2013-05-10 17:02 - 2,156 views
The RF6549 module is intended for 915MHz AMR solutions. It provides separate ports for Rx and Tx paths and two ports on the output for connecting a diversity solution or a test port. The PA section provides a nominal output power of 28dBm. The device is provided in a 6mm x 6mm, 32-pin package. https://estore.rfmd.com/RFMD_Onlinest...
Quad-Band GSM/GPRS Tx Module with UMTS Transmit/Receive Ports
by RFMDevices - 2013-05-10 17:01 - 2,618 views
RFMD's RF3235 and RF3237, paired with one or more discrete 3G power amplifiers such as RF722x or RF724x, enable best-in-class performance at the lowest total solution cost for 3G entry platforms. RF3235 and 3237 are quad-band GSM/GPRS Class 12-compliant transmit modules. They include four (RF3237) to six (RF3235) UMTS transmit/receive ports that also serve as GSM Rx ports and are pin-to-pin compatible. Both build on RFMD's PowerStar® integrated power control technology, SOI (silicon-on-insulator) switch technology, and integrated transmit filtering. These devices are designed for use as the final portion of the transmitter section in a GSM850/EGSM900/DCS1800/PCS1900/UMTS handset and eliminates the need for a PA-to-antenna switch module-matching network. 50Ω matched input and output ports require no external matching components. https://estore.rfmd.com/RFMD_Onlinest... https://estore.rfmd.com/RFMD_Onlinest...
6-Bit Serial-Controlled Digital Step Attenuators
by RFMDevices - 2013-05-10 16:57 - 3,366 views
RFMD's RFSA2644 is a 6-bit digital step attenuator (DSA) that features high linearity over the entire 31.5dB gain control range with excellent step accuracy in 0.5dB steps. The RFSA2644 is programmed via a serial mode control interface that is both 3V and 5V compatible. The RFSA2644 also offers a rugged Class 1C HBM ESD rating via on-chip ESD circuitry. The MCM package is footprint compatible with most 24-pin, 4mm x 4mm, QFN packages. https://estore.rfmd.com/RFMD_Onlinest... RFMD's RFSA2654 is a 6-bit, 75Ω digital step attenuator (DSA) that features high linearity over the entire 31.5dB gain control range with excellent step accuracy in 0.5dB steps. The RFSA2654 is programmed via a serial mode control interface that is both 3V and 5V compatible. The RFSA2654 also offers a rugged Class 1C HBM ESD rating via on-chip ESD circuitry. The MCM package is footprint compatible with most 24-pin 4mm x 4mm QFN packages. https://estore.rfmd.com/RFMD_Onlinest...
Quad-Band Transmit Module Family for UMTS/WCDMA/TD-SCDMA Applications
by RFMDevices - 2013-05-10 16:57 - 2,373 views
RFMD's new RF3232, RF3233, and RF3234 quad-band transmit modules are ideal for the final portion of the transmitter section in multi-mode 3G entry handsets and connected devices. These modules are the core of RFMD's RF323x Power Platform and include 50Ω matched input and output ports, eliminating the need for external PA-to-antenna switch module matching components. https://estore.rfmd.com/RFMD_Onlinest... https://estore.rfmd.com/RFMD_Onlinest... https://estore.rfmd.com/RFMD_Onlinest...
RFCR2207 and RFCR2208 860MHz to 960MHz Single Junction Drop-In Circulators
by RFMDevices - 2013-05-10 16:56 - 3,165 views
The RFCR2207 is a small profile, low cost drop-in circulator designed for various wireless applications. The circulator features a robust construction for high reliability, low insertion loss, excellent IMD (Inter-Modulation Distortion) performance, and magnetically shield. The circulator is RoHS compliant. The RFCR2207 circulator is CW (Clockwise) rotation. https://estore.rfmd.com/RFMD_Onlinest... The RFCR2208 is a small profile, low cost drop-in circulator designed for various wireless applications. The circulator features a robust construction for high reliability, low insertion loss, excellent IMD (Inter-Modulation Distortion) performance, and magnetically shield. The circulator is RoHS compliant. The RFCR2208 circulator is CCW (Clockwise) rotation. https://estore.rfmd.com/RFMD_Onlinest...
5-Bit Serial-Controlled Digital Step Attenuators
by RFMDevices - 2013-05-10 16:56 - 3,289 views
RFMD's new RFSA2514/2524 5-bit digital step attenuators (DSAs) feature high linearity over their entire gain control range with excellent step accuracy in 0.5dB (RFSA2514) or 1dB (RFSA2524) steps. They are programmed via a serial mode control interface that is both 3V and 5V compatible. They also offer a rugged Class 1C HBM ESD rating via on-chip ESD circuitry. The MCM package is footprint-compatible with most 24-pin, 4mm x 4mm, QFN packages. https://estore.rfmd.com/RFMD_Onlinest... https://estore.rfmd.com/RFMD_Onlinest...
InGaP HBT Power Amplifier 0.25W, 50MHz to 2700MHz
by RFMDevices - 2013-05-10 16:56 - 2,872 views
The RFPA2089 is a single-stage InGaP HBT power amplifier specifically designed for wireless infrastructure applications. It offers high-gain linear operation at a comparably low DC power making it ideal for next generation radios requiring high efficiency. Its external matching allows for use across various radio platforms. https://estore.rfmd.com/RFMD_Onlinest...

       1 2 3 4 5 6 7 8 9         

| Total | 2014-09-01 | 2014-08-01 | 2013-05-25 | 2013-05-10 |
All Rights Reserved© Alldatasheet.com 2003 - 2013