|
Adjustable Output Non-Synchronous Boost Controller Evaluation Board - NCV8871FLYGEVB
by ONSemiconductor - 2015-01-19 15:57 - 4,761 views
This video demonstrates some of the features and capabilities of the NCV8871FLYGEVB evaluation board. The NCV8871FLYGEVB
evaluation board from ON Semiconductor is designed to be an adjustable output non-synchronous boost controller which drives an external
N-channel MOSFET. The device uses peak current mode control with internal slope compensation. The IC incorporates an internal regulator
that supplies charge to the gate driver. Understand how to set-up and measure results for this board to optimize efficiency. For more
information on this evaluation board, visit our website at:
http://www.onsemi.com/PowerSolutions/... |
 |
Flexible Synchronous PWM Switching Buck Regulator Evaluation - NCP3170
by ONSemiconductor - 2015-01-19 15:57 - 5,815 views
This video demonstrates some of the features and capabilities of the NCP3170 evaluation board. The NCP3170 evaluation board from ON
Semiconductor is designed to incorporate current mode control. To reduce the number of external components, a number of features are
internally set including soft start, power good detection, and switching frequency. Understand how to set-up and measure results for this board
to optimize efficiency. For more information on this evaluation board, visit our website at:
http://www.onsemi.com/PowerSolutions/... |
 |
Up to 600mA DC-DC Converter Evaluation Board - NCP1421LEDGEVB
by ONSemiconductor - 2015-01-19 15:56 - 5,899 views
This video demonstrates some of the features and capabilities of the NCP1421LEDGEVB evaluation board. The NCP1421LEDGEVB
evaluation board from ON Semiconductor is designed for battery operated hand-held electronic products with up to 600 mA loading. It
integrates a synchronous rectifier (Sync-Rect) to improve efficiency and to eliminate the external Schottky Diode. Understand how to set-up
and measure results for this board to optimize efficiency. For more information on this evaluation board, visit our website at:
http://www.onsemi.com/PowerSolutions/... |
 |
Single Input Dual Outputs High Side Power Distribution Switch - NCP382HD10AAGEVB
by ONSemiconductor - 2015-01-19 15:55 - 4,631 views
This video demonstrates some of the features and capabilities of the NCP382HD10AAGEVB evaluation board. The NCP382HD10AAGEVB
evaluation board from ON Semiconductor is designed for applications where heavy capacitive loads and short circuits are likely to be
encountered, incorporating two 80 mΩ, P-channel MOSFETs in a single package. Understand how to set-up and measure results for this board
to optimize efficiency. For more information on this evaluation board, visit our website at:
http://www.onsemi.com/PowerSolutions/... |
 |
Rear Combo Lamp Evaluation Board - NCV7680PWR2GEVB
by ONSemiconductor - 2015-01-19 15:54 - 4,764 views
This video demonstrates some of the features and capabilities of the NCV7680PWR2GEVB evaluation board. The NCV7680PWR2GEVB
evaluation board from ON Semiconductor is designed for automotive LED rear combination lamps. External programmability of the NCV7680
allows the user to set the tail current and stop currents using a single resistor for each function. Understand how to set-up and measure results
for this board to optimize efficiency. For more information on this evaluation board, visit our website at:
http://www.onsemi.com/PowerSolutions/... |
 |
Combination Power Factor Correction & Quasi-Resonant Flyback Controller - NCL30030GEVB
by ONSemiconductor - 2015-01-19 15:53 - 4,067 views
This video demonstrates some of the features and capabilities of the NCL30030GEVB evaluation board. The NCL30030GEVB evaluation
board from ON Semiconductor is designed to implement a compact and highly efficient LED driver for high performance, low ripple LED lighting
applications. Understand how to set-up and measure results for this evaluation board to optimize efficiency. For more information click here:
http://www.onsemi.com/PowerSolutions/... |
 |
40 W Printer Evaluation Board - NCP1351PRINTGEVB
by ONSemiconductor - 2015-01-19 15:52 - 6,170 views
This video demonstrates some of the features and capabilities of the NCP1351PRINTGEVB evaluation board. The NCP1351PRINTGEVB
evaluation board from ON Semiconductor is designed to deliver 10 W averages on a 16 V output and 30 W averages on a 32 V output with a
transient peak power capability of 80 W. It, however, exhibits a low standby power: below 150 mW at no load, whatever the input voltage.
Understand how to set-up and measure results for this board to optimize efficiency. For more information on this evaluation board, visit our
website at:
http://www.onsemi.com/PowerSolutions/... |
 |
PWM Device Evaluation Board - NCP3020BGEVB
by ONSemiconductor - 2015-01-19 15:51 - 6,080 views
This video demonstrates some of the features and capabilities of the NCP3020BGEVB evaluation board. The NCP3020BGEVB evaluation
board from ON Semiconductor is designed to operate from a wide input range and is capable of producing an output voltage as low as 0.6 V.
Understand how to set-up and measure results for this evaluation board to optimize efficiency. For more information on this board, click here:
http://www.onsemi.com/PowerSolutions/... |
 |
Automotive 5V 3-A 2-MHz Low-Iq Dual-Mode Step-Down Regulator Evaluation Board - NCV891330PD50GEVB
by ONSemiconductor - 2015-01-19 15:50 - 4,761 views
This video demonstrates some of the features and capabilities of the NCV891330PD50GEVB evaluation board. The NCV891330PD50GEVB
evaluation board from ON Semiconductor is designed for Automotive, battery-connected applications that must operate with up to a 45V input
supply. Depending on the output load, it operates either as a PWM Buck Converter or as a Low Drop-Out Linear Regulator, and is suitable for
systems with low noise and Low Quiescent Current requirements often encountered in automotive driver information systems. Understand how
to set-up and measure results for this evaluation board to optimize efficiency. For more information click here:
http://www.onsemi.com/PowerSolutions/... |
 |
用于助听器的RHYTHM R3910 DSP超低能耗演示
by ONSemiconductor - 2015-01-19 11:40 - 5,178 views
这简要视频演示使用柠檬供电,展示我们数字信号处理(DSP)产品的超低能耗功能。 |