Total : 1 ( 1/1 Pages)
True RMS self-powered AC voltmeter fits 30.5 mm / 1.20 inch panel cutout
by Murata - 2013-11-23 09:34 - 8,064 views
The voltmeter fits an industry standard "oiltight" 30 and 30.5 mm / 1.2 inch round panel cutout. The 7.6 mm / 0.3 inch four-digit LED display is housed in a rugged round polycarbonate case that provides protection against dust, moisture, vibration and shock. It is supplied with an EPDM rubber gasket and plastic hex nut that aid protection to IP67 / NEMA6 specification for water ingress.

       1        

| Total | 2013-11-23 | 2013-05-21 | 2013-05-10 |
All Rights Reserved© Alldatasheet.com 2003 - 2013