Total : 1 ( 1/1 Pages)
MC34937 3-Phase BLDC Motor Driver with Kinetis-E MCU for eBike Applications
by Micropac - 2014-05-02 11:34 - 4,441 views
http://www.freescale.com/MC34937 Explore the MC34937, an industrial-grade 3-phase gate pre-driver for BLDC and PMSM motor control. The MC34937 can support 12V, 24V, and 36V motor control applications and easily interfaces to standard MCUs and DSPs. The demo shows the implementation of the MC34937 with Kinetis E MCUs in a 36V battery-operated electric bike (eBike) application. This same system can be modified to be used in other industrial applications such as electric garden tools, industrial fans and pumps, and electric wheelchairs.

       1        

| Total | 2014-10-21 | 2014-06-09 | 2014-05-02 | 2014-04-24 | 2014-03-10 |
All Rights Reserved© Alldatasheet.com 2003 - 2013