|
MultiSIM BLUE Video Tutorial – Using Simulation Driven Instruments in MultiSIM BLUE
by Micropac - 2014-10-21 11:43 - 7,709 views
Download Today: http://bit.ly/1uegpR2
|
 |
Atmel - Sparkfun at Maker Faire Bay Area Atmel Booth!
by Micropac - 2014-06-09 16:42 - 6,170 views
SparkFun COO Trevor Zylstra shows off the world's smallest Arduino at Maker Faire Bay Area.
Stay connected!
Embedded Design Blog: http://www.atmelcorporation.wordpress.com
Twitter: http://www.atmel.com/twitter
Facebook: http://www.atmel.com/facebook
LinkedIn: http://www.atmel.com/linkedin
|
 |
MC34937 3-Phase BLDC Motor Driver with Kinetis-E MCU for eBike Applications
by Micropac - 2014-05-02 11:34 - 5,888 views
http://www.freescale.com/MC34937 Explore the MC34937, an
industrial-grade 3-phase gate pre-driver for BLDC and PMSM motor
control. The MC34937 can support 12V, 24V, and 36V motor control
applications and easily interfaces to standard MCUs and DSPs. The
demo shows the implementation of the MC34937 with Kinetis E MCUs
in a 36V battery-operated electric bike (eBike) application. This same
system can be modified to be used in other industrial applications such
as electric garden tools, industrial fans and pumps, and electric wheelchairs.
|
 |
Novum Advanced Power Overview - CUI Inc at APEC 2014
by Micropac - 2014-04-24 11:11 - 7,692 views
CUI Senior Vice President, Mark Adams, talks with Don Tuite at
APEC 2014 about the Novum® Advanced Power product line
which has been developed to specifically address the growing
complexities in today's advanced designs. The two discuss IBC
and digital POL modules for distributed power architectures,
applications, and challenges.
http://www.cui.com/catalog/power/novum-advanced-power
|
 |
(Japanese) Microchip PIC32 GUI開発ボードの紹介
by Micropac - 2014-03-10 11:16 - 5,371 views
PIC32 GUI開発ボード(投影型静電容量式タッチスクリーン付き)は
低コストのマルチタッチGUI開発プラットフォームです。
105 DMIPSの性能を持ち、512KBフラッシュと128KB RAMを内蔵
したPIC32MX795F512Hと4.3インチWQVGAタッチディスプレイを実装済みです。
PIC32デバイスと低コストPSRAMを組み合わせる事で高速グラフィックフレーム バッファリングを行い、
外付けグラフィック コントローラを使わないソリューションを開発できます。
|
 |
What's easier- DIY Dentistry or our new our website features?
by Micropac - 2014-01-24 16:42 - 5,601 views
http://www.element14.com/newfeatures - See how we are working
to make doing business online easier with our new website
features. Learn new ways to personalize your online experience
and see all our Quick Tip videos at
http://www.element14.com/newfeatures. |
 |
5041/BEA (M38510/10502BEA)
by Micropac - 2013-07-26 14:43 - 4,761 views
5041/BEA (M38510/10502BEA)
Rochester Electronics has re-introduced and continues to manufacture critically needed semiconductors with the full
authorization of the original manufacturer and an attention to quality that meets or exceeds the original component.
5041/BEA
Original Part Number: HI1-5041-8
Description: CMOS Analog Switch
Package: 16 pin DIP
Manufacturing Flow: SMD/QML
Manufacturing Type:
made from original Intersil wafers
Original Manufacturer:
DUAL SPST ANALOG SWITCH
with CMOS and TTL versatility
Originally offered by Harris Semiconductor and
then later by Intersil before being discontinued, the
5041 is a CMOS analog switch that offers low resistance
switching performance for analog voltages
up to the supply rails and for signal currents up to
80mA. “ON” resistance is low and stays reasonably
constant over the full range of operating signal voltage
and current. The 5041 provides break-before-make
switching and is TTL and CMOS compatible
for maximum application versatility. The
5041 is a fully qualified military device.
Re-introduced by
|
 |
AM335x ARM(R) MPUs - simplifying industrial designs
by Micropac - 2013-06-22 09:46 - 5,107 views
Texas Instruments has recently introduced the AM335x ARM Cortex-A8 low power high performance processor family with price points starting at under $5. In this video, you'll see how these processors help industrial customers enable innovative industrial automation systems. With the AM335x ARM solution, TI delivering a scalable platform with integrated multi-protocol communications support. It's one family of pin-to-pin and SW compatible devices to address the diverse needs of the entire Industrial Automation system.
|
 |
Rocket Project: Apollo Video
by Micropac - 2013-06-12 16:25 - 5,006 views
Eight high school students come together for the ultimate science project: to launch a rocket by harnessing the computing power of today's Sony VAIO notebook powered by Intel Core Processors.
The Rocket Project powered by Sony and Intel.
|
 |
First Look: at the new Sony Alpha NEX Series
by Micropac - 2013-06-11 17:25 - 5,685 views
Find more at http://tinyurl.com/3xt4nba or on our blog http://blog.discover.sonystyle.com/a-...
|