Popular News
Daily News
Total : 682 ( 6/69 Pages)
“The Quest For Power"
by Microchip - 2014-10-21 15:20 - 122,245 views
This webinar looks at the MPLAB® REAL ICE™ Power Monitor board, which can be used to measure the power requirements of your target board. Discussed are the physical board connections, and the installation and settings for the Power Monitor software plugin, which integrates into MPLAB X IDE. Shown in the webinar are examples of measuring current, setting current-threshold breakpoints, and code profiling of your program, which can reveal how functions in your code are contributing to the overall current consumption of your target board. MPLAB® REAL ICE™ Power Monitor Product Page: http://mchp.us/ZxwhSB
MCP19111 PMBus and GUI Demonstration - MASTERs 2014
by Microchip - 2014-10-21 11:46 - 9,917 views
Illustration of the MCP19111 digitally enhanced power analog PWM controller in a PMBus compliant point of load DC-DC conversion application with a graphical user interface. Digitally-Enhanced Power Analog Product Page: http://mchp.us/11p6PO1YT MCP19111 Product Page: http://mchp.us/1rqOZlm
MCP19114 Universal LED Driver Board Demonstration - MASTERs 2014
by Microchip - 2014-10-21 11:46 - 10,487 views
MCP19114 digitally enhanced power analog PWM controller in an constant current, flyback DC-DC converter driving high brightness LEDs, dynamically configured using an I2C communication bridge to a graphic user interface. Digitally-Enhanced Power Analog Product Page: http://mchp.us/11p6PO1YT MCP19115 Product Page: http://mchp.us/VT7F5MYT
(Simplified Chinese) MPLAB®代码配置器实验5
by Microchip - 2014-09-25 10:39 - 29,090 views
MPLAB®代码配置器是一个在MPLAB X IDE里具有友好图形用户界面 的插件工具,可帮助客户轻松设置8位PIC®单片机外设­,生成相应的 驱动程序,进而无缝插入项目中,简化对外设的编程。本视频在之前 实验的基­础上,继续向大家介绍如何使用MPLAB代码配置器配置ADC 模数转换器和FVR固定­参考电压,并使用生成的代码完成A/D转换实验。
(Japanese) Microchip MPLAB® Code ConfiguratorでADCとEUSARTを設定する
by Microchip - 2014-09-25 10:20 - 4,188 views
この動画では、MPLAB® Code Configuratorを使ってADCとEUSARTを設定します。 前回の「MPLAB Code Configuratorの概要」では、MPLAB Code Configuratorを使 ってポートピンをHIGHに設定しました。今回はその続­きとして作業していきます。 この動画でも、PIC16F1937を実装済みのPICDEM 2 Plusデモボードを使います。 加えて今回はMCP2200 USB-RS232ボードも使います。これでEUSART通信をPCで 見る事ができま­す。開発ツールとしては、MPLAB X v1.90、XC8コンパイラv1.21、 MPLAB REAL ICEインサーキット エミュレータを使います。
(Japanese) Microchip MPLAB® Code Configuratorの紹介
by Microchip - 2014-09-24 15:56 - 8,671 views
MPLAB® Code ConfiguratorはMicrochip社のコード生成ツールです。 MPLAB Xで使うNetBeansプラグインであり、アプリケーションで使 う周辺モジュールの­ドライバと初期化関数の両方を生成します。
(Simplified Chinese) MPLAB®代码配置器实验4
by Microchip - 2014-09-24 15:36 - 7,954 views
MPLAB®代码配置器是一个在MPLAB X IDE里具有友好图形用户界面的插件工具, 可帮助客户轻松设置8位PIC®单片机外设­,生成相应的驱动程序,进而无缝插入项目中, 简化对外设的编程。本视频在之前实验的基­础上,继续介绍如何配置EUSART异步模式, 并使用生成的代码实现EUSART发送­。
Free Code Generator Plug-in for 8-bit PIC® MCUs
by Microchip - 2014-09-24 15:22 - 6,777 views
[MNV181B] MPLAB® Code Configurator is a free and user-friendly plug-in for the MPLAB X IDE that generates seamless, easy-to-understand C code for your 8- or 16-bit PIC® MCU project.
XLP Low-Power 16-bit PIC® MCUs with Integrated Hardware Enc
by Microchip - 2014-09-24 15:22 - 5,903 views
[MNV199] Microchip’s eXtreme Low Power (XLP) PIC24F “GB2” MCUs enable secure data transfer and storage in portable embedded applications.
EEPROM for DDR4 SDRAM Modules
by Microchip - 2014-09-24 15:21 - 6,499 views
[MNV194] The 34AA04 4 Kb I2C™ Serial Presence Detect (SPD) EEPROM device is specifically designed to work with the next generation of Double Data Rate 4 (DDR4) SDRAM modules while also supporting older DDR2/3 platforms.

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-03-05 |
All Rights Reserved© Alldatasheet.com 2003 - 2013