Popular News
Daily News
Total : 682 ( 5/69 Pages)
(Simplified Chinese) PIC16F170X/171X 8位单片机系列
by Microchip - 2014-11-19 14:11 - 9,935 views
PIC16F170X/171X 8位单片机系列具备丰富的智能模拟,价格低廉,采用超低功耗(XLP)技术,适用于各­种通用应用。这些器件提供14至44引 脚的多种封装,片上集成运放、独立于内核的外设­(可配置逻辑单元、数控振荡器和互补输出发生器)、外设引脚选择及过零检测,使设计更­为灵活。 PIC16F1709 Product Page: http://mchp.us/1ommRV7 PIC16F1719 Product Page: http://mchp.us/1phsqjl Microchip 8-bit MCU Page: http://mchp.us/8BitYT Microchip Intelligent Analog MCU Page: http://mchp.us/1fuLoQSYT
Amp-titudes Episode 2 – Input Bias and Offset Current
by Microchip - 2014-11-13 14:02 - 7,106 views
This video provides a brief explanation of input bias and input offset currents as they relate to operational amplifiers. In addition, this video takes a detailed look at the new, zero-drift amplifier architectures and how these specifications are affected by these new architectures. Linear Products and Solutions Page: http://mchp.us/1t8L8di
MCP37X1X-200, 12-Bit 200 Msps ADC Evaluation Board
by Microchip - 2014-11-13 14:01 - 11,383 views
Overview of the MCP37X1X-200, 12-bit 200 Msps A/D Converter evaluation board. MCP37D11-200 Evaluation Board Page: http://mchp.us/1u10fLf MCP37xxx Data Capture Card Page: http://mchp.us/1uwXK4S
(Simplified Chinese) Microchip开关稳压器产品线介绍
by Microchip - 2014-11-12 17:25 - 16,708 views
本视频介绍了Microchip开关稳压器产品,按照拓扑结构可分为降压式和升压式,­降压式产品又可细分为脉宽调制式和频率调制式两种。此外,还 介绍了开关稳压器的典型应­用,以及多款针对开关稳压器产品的演示评估板。
MCP37X3X-200, 16-Bit 200 Msps ADC Evaluation Board
by Microchip - 2014-11-12 17:23 - 13,737 views
Overview of the MCP37X3X-200, 16-bit 200 Msps A/D Converter Evaluation Board. MCP37D31-200 Evaluation Board Page: http://mchp.us/1tpV7yC MCP37xxx Data Capture Card Page: http://mchp.us/1uwXK4S
PIC32® Oscillator Configuration Spreadsheet Introduction
by Microchip - 2014-11-12 17:22 - 12,821 views
This video will show you how to use the PIC32 oscillator configuration spreadsheet. This spreadsheet will help you configure the Oscillator System found on Microchip’s PIC32 microcontrollers. Link to download the spreadsheet: http://mchp.us/1nXcLKN
Importing and Programming a pre-built .HEX file with MPLAB® X IDE
by Microchip - 2014-11-12 17:08 - 12,068 views
This video takes you step by step through importing and then programming a pre-built .HEX file using MPLAB® X IDE. Visit our Developer Help site for more information on MPLAB X IDE: http://mchp.us/1zutWHG
Solar-Powered LED Security Light Demonstration - MASTERs 2014
by Microchip - 2014-11-11 16:33 - 12,320 views
A single board system consisting of 3 primary functions controlled by the PIC16F1509: buck solar powered battery charger, boost LED driver, and Passive Infrared sensor conditioning circuit. The switching is controlled using a fixed on-time, variable frequency signal generated by the PIC Micro’s Numerically Controlled Oscillator. The higher the frequency - the higher the duty cycle. During daytime – the solar panel provides power, PIR motion detection is deactivated and only Maximum Power Point Tracking battery charging is active. During nighttime – motion detection is active and if triggered will start the LED driver for a specified time. Transitions between day and night modes are based on solar panel voltage, with minimal loading for current testing. http://www.microchip.com/pagehandler/...
Amp-titudes Episode 1 - Amplifier Bandwidth and Slew Rate
by Microchip - 2014-11-11 16:20 - 11,856 views
In this premiere episode of Amp-titudes, we will provide a brief look at the slew rate specification for operational amplifiers, and how this specification applies to an amplifiers performance. Linear Products and Solutions: http://mchp.us/1t8L8di
PIC16F170X/171X 8-bit Family of MCUs
by Microchip - 2014-10-21 15:21 - 127,655 views
The PIC16F170X/171X 8-bit family of microcontrollers provides Intelligent Analog integration with low cost and eXtreme Low Power (XLP) technology to suit a variety of general-purpose applications. These 14- to 44-pin devices deliver on-chip op amps, Core Independent Peripherals (Configurable Logic Cell, Numerically Controlled Oscillator and Complementary Output Generator), Peripheral Pin Select and Zero-Cross Detect, providing for increased design flexibility. PIC16F1709 Product Page: http://mchp.us/1ommRV7 PIC16F1719 Product Page: http://mchp.us/1phsqjl Microchip 8-bit MCU Page: http://mchp.us/8BitYT Microchip Intelligent Analog MCU Page: http://mchp.us/1fuLoQSYT

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-03-05 |
All Rights Reserved© Alldatasheet.com 2003 - 2013