|
(Simplified Chinese) Microchip MCP19111评估板
by Microchip - 2013-09-25 17:26 - 14,780 views
MCP19111评估板是一个针对集成同步驱动器的数字化增强型电源
模拟控制器的评估,学习,优化设计参数的工具,可以通过此评估板
学习如何使用这个器件以及对这个器件的性能进行全面,细致的评估。 |
 |
PIC32 GUI Development Board with Projective Capacitive Touch
by Microchip - 2013-09-25 17:21 - 8,498 views
Demonstration of the Microchip PIC32 Graphic User Interface (GUI)
Development Board with Projective Capacitive Touch |
 |
Microchip and element14 Announce Raspberry Pi® chipKIT™ E
by Microchip - 2013-09-17 09:58 - 50,995 views
Microchip today announced the expansion of its Arduino™
compatible chipKIT™ platform ecosystem with the new Raspberry
Pi® tool that it co-developed with partner element14—the chipKIT
Pi Expansion Board. |
 |
PIC24F "GC" Based Blood Pressure Meter Demonstration
by Microchip - 2013-09-17 09:57 - 8,546 views
The PIC24FJ128GC010 powers a blood pressure meter
demonstration that utilizes the integrated Intelligent Analog. |
 |
Microchip Expands PIC24 Lite Microcontroller Portfolio
by Microchip - 2013-09-13 15:12 - 8,217 views
[MNV 129] Microchip Technology Expands PIC24 Lite
Microcontroller Portfolio with Advanced Analog Integration and 5V Operation |
 |
Microchip's 5 GHz RF power amplifier for new IEEE 802.11ac Wi-Fi® standard
by Microchip - 2013-09-13 15:11 - 9,651 views
[MNV 121] Microchip Technology's 5 GHz RF power amplifier for
new IEEE 802.11ac Wi-Fi® standard delivers low EVM at high
power for WLAN applications |
 |
Microchip Unveils Serial Flash Memory Device Development Kit
by Microchip - 2013-09-13 15:10 - 22,027 views
[MNV 112] Microchip Technology Unveils Serial Flash Memory
Device Development Kit |
 |
Microchip announces 25% performance increase for dsPIC® DSCs
by Microchip - 2013-09-05 17:23 - 9,853 views
[MNV 101C] Microchip Technology Inc., announces 25%
performance increase for dsPIC® DSCs for digital-power
applications |
 |
Microchip brings integrated op amps to low-cost 8-bit PIC® MCUs
by Microchip - 2013-09-05 17:23 - 9,849 views
[MNV 138B] Microchip Technology brings integrated op amps to
low-cost 8-bit PIC® microcontrollers |
 |
Microchip strengthens parallel Flash memory portfolio
by Microchip - 2013-09-05 17:22 - 10,048 views
[MNV 117] Microchip Technology Inc. strengthens parallel Flash
memory portfolio with high-speed, low-power devices |