Popular News
Daily News
Total : 682 ( 15/69 Pages)
Richard Clemmer, NXP CEO - Secure Connections for a Smarter World -- Automotive
by Microchip - 2014-03-10 13:36 - 7,665 views
Richard Clemmer, NXP CEO explains how NXP technology is helping to improve vehicle safety with Vehicle to Vehicle communications.
(Simplified Chinese) MPLAB® XC8 C编译器的架构特性
by Microchip - 2014-03-10 13:34 - 9,529 views
本视频介绍了MPLAB® XC8 C编译器的架构特性。 该编译器的编译过程不同于传统的编译器,采用了一种称为"OCG­ (全知代码生成)"的技术。
(Japanese) Microchip PIC24F「GC」ファミリを使ったリファレンス デザイン
by Microchip - 2014-03-07 10:21 - 5,472 views
PIC24FJ128GC010を使った血圧計のリファレンスデザインをご紹介します­。 PIC24F「GC」ファミリが内蔵するインテリジェント アナログ機能を使ったデモです。
The MCP19035, Microchip's Mid-Voltage, Analog-based PWM Controller
by Microchip - 2014-03-06 14:57 - 16,603 views
This video provides an overview of Microchip's MCP19035, Mid-Voltage, Analog-based PWM Controller with an Integrated, Synchronous Buck MOSFET Driver. In addition to the product overview, the video highlights some of the key features of the part, as well as some of the design resources available. Included are the evaluation boards, as well as several application notes and the excel-based design analyzer.
Introducing DeviceLab's "iWanditAll" Koolthings Platform
by Microchip - 2014-03-06 12:00 - 16,014 views
DeviceLab, an authorized Design Partner of Microchip Technology teams up with Kooltechs to develop a multi-sensor iOS and Android based platform leveraging the "Internet of Things". www.microchip.com/partners
MCP46XXEV Tutorial
by Microchip - 2014-03-06 11:56 - 14,297 views
This is a tutorial of the MCP46xxEV digital potentiometer evaluation board.
Academic Resources from Microchip Technology
by Microchip - 2014-03-06 11:44 - 15,845 views
Microchip's Academic program is here to help ease the integration of our products and technologies into the classroom. This video provides an overview of benefits we provide to educators and their students. http://www.microchip.com/academic
(Simplified Chinese) MCP8024简介
by Microchip - 2014-03-06 10:23 - 14,328 views
MCP8024是一款带功率模块的三相BLDC电机栅极驱动IC,可与单片 机和数字信­号控制器配合使用,是一个主要针对汽车应用的产品,可 在高达150℃的环境温度下工作­;也可以用于各种电机系统。
(Simplified Chinese) Microchip MPLAB® Harmony
by Microchip - 2014-02-10 14:35 - 17,471 views
Harmony是用于PIC32 MCU的全面可互操作开发环境。它集成了全 部第三方软件、中间件、驱动程序、外设库、­实时操作系统以及内部 软件库。它是一个综合软件包,经过测试、调试、许可,并得到 Mi­crochip的支持。
(Simplified Chinese) 智能模拟
by Microchip - 2013-12-28 10:00 - 139,738 views
Microchip Technology凭借智能模拟MCU和DSC产品,轻而易举地 将模拟特性与数字控­制无缝集成。通过将常用的模拟元件直接集成到 MCU并提供强大的内部互连网络,帮助数­字和模拟工程师轻松地设 计基于单片机的闭环控制系统。这是降低BOM成本,减少系统噪­声 和提升系统吞吐率的一大创举。Microchip已经解决了采用外部元件 时常见的噪­声和通信问题,因此设计人员仅需着眼于微调其系统。

       11 12 13 14 15 16 17 18 19 20         

| Total | 2015-03-11 | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-03-05 |
All Rights Reserved© Alldatasheet.com 2003 - 2013