Total : 2 ( 1/1 Pages)
MAX14850 Demo
by Maxim - 2015-03-11 12:35 - 10,891 views
Keep important digital signals clean and true, even around magnetic fields and other “noise.” This six-channel, 600V digital isolator is adaptable to RS-232/422/485, SPI, and I2C serial bus transceivers. Watch as we put it through its paces.
1-Wire® Contact Packages
by Maxim - 2015-03-11 12:34 - 12,983 views
Add functionality like memory or authentication to a peripheral, without bulky PCB-mounted pads. These tiny contact packages mount right on the peripheral at just 3.5mm x 6.5mm—no PCB needed. They’re more durable, simpler, and cheaper too.

       1        

| Total | 2015-03-11 | 2014-12-18 | 2014-11-27 | 2014-11-20 | 2014-11-19 |
All Rights Reserved© Alldatasheet.com 2003 - 2013