Popular News
Daily News
Total : 87 ( 9/9 Pages)
LEDtronics LED Lighting Applications
by LEDtronics - 2013-05-23 14:26 - 9,563 views
LEDtronics LED Lighting Applications LEDtronics Mission Statement: To Replace Energy Wasting Lighting With World Class Environmentally Responsible LED bulbs and Products. The LEDtronics website is packed with direct incandescent replacement Bright LED (Light Emitting Diodes) lamps and LED Bluls. Our LED lamps and LED Bulb products offerings are available in a wide range of bulb sizes for multiple lighting applications. Miniature Based LED lamps are available with Sub-Midget, Midget Wedge, bayonet, S6 Candelabra, Telephone Slide bases ranging from T1 (3mm), T1 ¾ (5mm), T2, T3 ¼ (9mm) to T5. Our Intermediate and Medium 15mm and 25mm Based LED Lamps provides the industry's most comprehensive source of direct incandescent replacement LED lamps for Automotive, Aviation, Decorative lighting, Architectural, Gaming, Theme-parks, Utility plants, Street lighting, Emergency/Safety and Industrial lighting applications. LED lamp Bases available are 15mm Single-Contact and Dual-Contact Bayonet, S6 Miniature Candelabra and 25mm Edison Screw base. Exit sign retrofit LED lamps and kits, beacon warning lights, industrial stack light status indicator t...
LED MR16 Track Lighting Bulbs
by LEDtronics - 2013-05-23 14:24 - 8,216 views
MR16 LED High-powered TrackLEDs have 2-pin bases, draw just 2.5 Watts, feature 42 LEDs and are offered in cool white and incandescent white. Four beam angles are available: Narrow (15º - 20º), standard (2º5 - 30º), medium (40º - 50º) and wide (100º - 1 20º). With factory-approval, MR16 TrackLED lamps may be ordered in other LED colors, voltages and beam angles. Lamps carry a 3-year limited warranty. Unlike halogen MR16 lamps that create potentially damaging heat, LED-sourced MR16 lamps generate little heat while operating and pose no threat to the objects they are illuminating. Lighting professionals, architects, industrial designers and maintenance departments will find these lights to be excellent solutions for maintenance-intensive and low- voltage applications. MR16 lamps are commonly used for accent, task and display lighting in museums, jewelry stores, residential lighting and entertainment venues. Data Sheet The URL address is as follows: http://www.ledtronics.com/ds/mr16-42acdc http://www.ledtronics.com
Decor LED Bulbs
by LEDtronics - 2013-05-23 14:22 - 9,424 views
Our Intermediate and Medium 15mm and 25mm Based LED Lamps provides the industry's most comprehensive source of direct incandescent replacement LED lamps for Automotive, Aviation, Decorative lighting, Architectural, Gaming, Theme-parks, Utility plants, Street lighting, Emergency/Safety and Industrial lighting applications. LED lamp Bases available are 15mm Single-Contact and Dual-Contact Bayonet, S6 Miniature Candelabra and 25mm Edison Screw base. Exit sign retrofit LED lamps and kits, beacon warning lights, industrial stack light status indicator tower lamps, types 1, 2 and 3 LED traffic control lamps, task lighting, darkroom/safelight lamps, R20/21 lamps, MR16 LED lamps, solar- energy, renewable energy (dark Sky friendly) enabled lighting solutions. With a choice of sizes, standard electrical bases, sunlight- visible LED colors like White, Red, Green, Aqua Green, Yellow, Amber and Blue, industry-standard voltages, there's a LEDtronics' Intermediate and Medium Based Lamp to fit most applications. We make a large variety of LED lamps and clusters, both directional and multi-directional with standard 120Volt AC lamp sockets. Based on cost an...
Talk 2 Diy TV Show on LEDtronics LED Auto Bulbs
by LEDtronics - 2013-05-23 14:16 - 8,503 views
AUT-1157 Tail/Brake LED Lamps that are designed to replace incandescent 1157 bulbs in combination tail/brake signals in most cars, motorcycles, forklifts, ATVs and trailers. Having nearly twice as many LEDs as competitive lamps, the AUT-1157 LED lamps feature 24 Super Red (633nm) discrete LEDs that are scientifically configured to maximize brightness and to fill the entire light fixture. Eighteen LEDs direct light straight through the vehicle's fixture. Additionally, six LEDs are arranged perpendicular to the lamp base in order to radiate light onto the light fixture's reflector and illuminate the entire surface of the fixture. Total light output is 100 end footcandles. http://www.ledtronics.com/ds/aut1157/ More info at: http://www.ledtronics.com/datasheets/... http://www.ledtronics.com
Crank It Up TV Show on LEDtronics LED Auto Bulbs
by LEDtronics - 2013-05-23 14:13 - 7,930 views
Integrating solid-state electronics with advanced LED technology, LEDtronics' AUT-1157 LED lamps offer automotive applications years of reliable performance, which represents potentially millions of dollars in reduced repairs and ancillary costs. Due to faster turn- on times than conventional incandescent signal lamps, AUT-1157 LED lamps promote safe driving by increasing the amount of response time available for motorists. AUT-1157 LED lamps operate 0.2 seconds quicker than incandescents. That's an extra 19 feet of response time at 65 mph for the trailing vehicle. [Distance traveled = (mph)(5280 feet/mile)(1/3600 hour/sec)(0.2 sec.)] The results? Less rear-end collisions, which are the second most frequent type automotive accidents. The AUT-1157 LED lamps advantages over equivalent incandescents are not limited to automotive repairs and accidents, but extend to collateral issues such as property damage claims, productivity losses, medical expenses, legal and court costs, etc. . . . AUT-1157 LEDs offer economic savings far greater than offered by the price of the incandescent bulb. LEDtronics' 1157 automotive LED bulbs feature industry-sta...
Automotive 15mm Index & SC Bayonet Base LED Bulbs
by LEDtronics - 2013-05-23 14:10 - 6,738 views
AUT-1157 Tail/Brake LED Lamps that are designed to replace incandescent 1157 bulbs in combination tail/brake signals in most cars, motorcycles, forklifts, ATVs and trailers. Having nearly twice as many LEDs as competitive lamps, the AUT-1157 LED lamps feature 24 Super Red (633nm) discrete LEDs that are scientifically configured to maximize brightness and to fill the entire light fixture. Eighteen LEDs direct light straight through the vehicle's fixture. Additionally, six LEDs are arranged perpendicular to the lamp base in order to radiate light onto the light fixture's reflector and illuminate the entire surface of the fixture. Total light output is 100 end footcandles. http://www.ledtronics.com/ds/aut1157/ More info at: http://www.ledtronics.com/datasheets/...
LED Flashing Safety Vest
by LEDtronics - 2013-05-23 14:09 - 7,870 views
VestLED Flashing Safety Vest that reduces risks in hazardous low- light environments by continuously emitting bright flashing lights that can be seen up to a half mile, depending on weather conditions and line-of-sight. VestLED comes equipped with 16 red (660nm) high-intensity Surface Mount Technology (SMT) LEDs (Light Emitting Diodes). Eight LEDs are mounted on the front and eight on the back. VestLED flashes 65 -- 70 times per minute for 240 continuous hours on two fully-charged AA alkaline batteries that are housed in an inside pouch. Clear plastic domed lenses project the light and safeguard the LEDs from impact. Bright reflective 2! -inch strips on the front, back and sides make VestLED ideal for daylight and indoor use, too. Sealed seams protect electronics from moisture. An internally-mounted switch located on the front of the vest activates the LEDs. VestLED with power pack and batteries weighs 12.2 ounces (346g). Product page: http://www.ledtronics.com/ds/VST-1004... http://WWW.LEDtronics.com

       1 2 3 4 5 6 7 8 9        

| Total | 2014-11-12 | 2014-09-25 | 2014-09-24 | 2014-06-10 | 2013-08-16 |
All Rights Reserved© Alldatasheet.com 2003 - 2013