Popular News
Daily News
Total : 87 ( 7/9 Pages)
LED Rope Lighting
by LEDtronics - 2013-05-23 15:31 - 10,206 views
Rectangular RopeLED, its newest offering in LED (Light Emitting Diode) accent lighting. Measuring 0.4"H (10.5mm) by 0.7"W (18mm), Series RPLD02 rectangular profile enables it to fit snugly against surfaces that feature right angles. Rectangular RopeLED features 21 LEDs per foot (72 per meter) that are spaced 0.55" (13.9mm) apart. RopeLED tubes are marked at intervals where they can be cut, allowing you to customize the length or to splice together different colored RopeLED segments. Choose from red, blue, green, yellow and white LED colors. RopeLED comes standard in 120V; 12V DC and 240V are available options. RopeLED is easy to install. Simply connect the RopeLED to the appropriate end of a power cord cable (purchased separately) then plug the power cord into a standard electrical outlet. RopeLED can be held in place with small plastic clips that snap onto the tube, and then nailed, screwed or glue to an adjacent surface. RopeLED's weather-resistant PVC construction makes it suitable for both outdoor and indoor uses. RopeLED can be employed indoors for emergency pathway lighting, to accent staircases, closets, cabinets, ceilings, etc. ....
LED and other Lighting Technologies part 3
by LEDtronics - 2013-05-23 15:29 - 9,702 views
LED and other Lighting Technologies part 3 http://www.ledtronics.com/
LED and other Lighting Technologies part 2
by LEDtronics - 2013-05-23 15:28 - 9,260 views
LED and other Lighting Technologies part 2 http://www.ledtronics.com/
LED Chip Overview and other Lighting Technologies Part One
by LEDtronics - 2013-05-23 15:28 - 8,042 views
LED Chip Overview and other Lighting Technologies Part One and LED lighting applications. http://www.ledtronics.com/
LED Tea (Candle) Lights in manger nativity scene setting
by LEDtronics - 2013-05-23 15:27 - 8,405 views
LED Tea (Candle) Lights in manger nativity scene setting Product web Link is: http://www.ledtronics.com/ds/LED-CAND...
LED R30 Spotlight Bulbs
by LEDtronics - 2013-05-23 15:18 - 10,011 views
R30 LED spotlight bulbs. These direct incandescent replacement bulbs combine advanced Light Emitting Diode (LED) technologies, standard 25mm Edison bases and light optimizing designs to produce vivid light. R30 LED bulbs are available in five light emitting angles (15°, 20°, 30°, 40° and 95°) and in 120 volts AC. Other voltages from 12V to 240V—AC or DC—are available for qualified customers. With a power draw of only 4.5Watts the savings add up quickly. R30 LED colors available are Warm White 3000 Kelvin, Pure White 5500Kelvin, Cool White 8000Kelvin, 633nm Red, 592nm Yellow, 525nm Aqua Green and 470nm Blue. Infrared lamps are offered in wavelengths of 850nm, 880nm and 940nm. Having LED operating lives of up to eleven years and seven sunlight-visible LED light colors—as well as infrared—from which to select, solid-state R30 LED bulbs are the practical and economical way for architects, display designers, visual merchandisers, entertainment designers and other lighting professionals to integrate ornamental illumination into what were formerly maintenance-intensive applications. Furthermore, an LED cluster lamp continues to provide light e...
Common Cents TV Show on LEDtronics
by LEDtronics - 2013-05-23 15:15 - 8,682 views
Commen Sence TV Cable Show on LEDtronics. http://www.ledtronics.com/
Install of LED Halo Light, part one
by LEDtronics - 2013-05-23 15:14 - 8,892 views
This video shows the Installation of a New LED light. The LED Halo light is designed for walkways, parking lots and narrow streets. Since the light is produced with energy efficient warm white LED's it is ideal to be used with renewable energy sources like wind and Solar power systems. The Halo light fixture weighs in at 90 pounds. The pole is 12 feet high. The Halo light puts out 11 Foot- Candles at center, over 7 foot candles at 5 feet. The LED Halo light has over 500 white LEDs and only draws 36watts. www.LEDtronics.com
LED Halo Light part Two, Night
by LEDtronics - 2013-05-23 15:14 - 8,618 views
This video shows the Installation of a New LED light. The LED Halo light is designed for walkways, parking lots and narrow streets. Since the light is produced with energy efficient warm white LED's it is ideal to be used with renewable energy sources like wind and Solar power systems. The Halo light fixture weighs in at 90 pounds. The pole is 12 feet high. The Halo light puts out 11 Foot- Candles at center, over 7 foot candles at 5 feet. The LED Halo light has over 500 white LEDs and only draws 36watts. www.LEDtronics.com
Pink light 5mm LED
by LEDtronics - 2013-05-23 15:13 - 9,320 views
Fluorescent orange-ish / pink dome, Fluorescent pink light 5mm LED. Product Link page is: http://www.ledtronics.com/ds/l200-tpp/ In stock by end of March 2007.

       1 2 3 4 5 6 7 8 9         

| Total | 2014-11-12 | 2014-09-25 | 2014-09-24 | 2014-06-10 | 2013-08-16 |
All Rights Reserved© Alldatasheet.com 2003 - 2013