Total : 3 ( 1/1 Pages)
DC Motor Control Shield - How to easily make a motor turn - Infineon Technologies
by Infineon - 2014-12-18 16:37 - 5,581 views
www.infineon.com/arduino The DC motor control shield from Infineon Technologies is one of the first high current motor control boards being compatible to Arduino as well as to Infineon’s XMC1100 Boot Kit. The DC motor control shield is capable to drive two uni-directional DC motors (half bridge configuration) or one bi-directional DC motor (H-Bridge configuration).
ARM® -based SoC Family for Motor Control Automotive Applications
by Infineon - 2014-12-18 15:21 - 3,341 views
www.infineon.com/embedded-power Addressing car manufacturers' and tier ones' strategy towards electrification of auxiliary components in vehicles, Infineon has launched an intelligent motor driver chip platform with embedded 32-bit ARM Cortex M3 processors inside. The first two family members are the TLE987x series for 3-phase (brushless DC) motors and the TLE986x series for 2phase (DC) motors.
Electric Drives at electronica 2014 - Infineon Technologies
by Infineon - 2014-12-18 15:21 - 3,727 views
www.infineon.com/automation Infineon is a system solution provider. For drive applications Infineon can offer a complete system setup including sensors, microcontrollers, bridge drivers, power devices as well as software support via DAVE™ Drive. All commutation types of electric motors can be supported with the wide sensor product portfolio form Hall switches, 360° angle sensors as well as current sensors.

       1        

| Total | 2015-03-04 | 2015-02-03 | 2014-12-18 | 2014-12-05 | 2014-12-03 |
All Rights Reserved© Alldatasheet.com 2003 - 2013