|
EMC Shield Can kits
by Harwin - 2014-12-19 11:47 - 5,010 views
"Build your own" EMC protection with the new shield can kit from Harwin.
Instructional video. |
 |
Gecko (G125) Connector overview
by Harwin - 2014-12-18 16:17 - 6,318 views
High reliability connector on a fine pitch - the 1.25mm connector range for board to board, cable to board and cable to cable applications.
Gecko withstands high loads of shock and vibration and extreme temperatures.
Features include:
100g Z Axis 6ms No discontinuity.
Pin Spacings - 1.25mm.
Durability - 1,000 operations.
Environmental classification - 65/150/96 hours at 95% RH
Operational temperature - -65ºC to 150ºC
Vibration sensitivity - 10Hz to 2000Hz, 1.5mm, 198mm/s2 (20G). duration 2h
Shock severity - 981m/s2 (100G) for 6ms
|
 |
Spring Contact - Multi-directional
by Harwin - 2014-09-01 10:22 - 4,606 views
Multi-Directional contacts, suitable for both Vertical
and Horizontal contact actions.
EZ-BoardWare!
Harwin's EZ-BoardWare range of SMT PCB hardware
simplifies production processes and reduces process costs.
These multi-directional spring contacts are packaged in Tape & reel.
|
 |
Spring Contact - Multi-directional
by Harwin - 2014-08-01 10:54 - 4,674 views
Multi-Directional contacts, suitable for both Vertical and
Horizontal contact actions.
EZ-BoardWare!
Harwin's EZ-BoardWare range of SMT PCB hardware simplifies
production processes and reduces process costs. These
multi-directional spring contacts are packaged in Tape & reel.
|
 |
SMT EMI Shield Clips
by Harwin - 2013-12-18 14:30 - 32,790 views
Surface Mount EMI/RFI shield clips from Harwin are now available
in 7 different sizes, to save PCB space and reduce assembly and
rework time by eliminating through--hole manufacturing processes.
* Compatible with automated assembly
* Eliminates through--hole assembly
* Allows multiple fitting--removal--refitting cycles of shielding can
* Beryllium--copper or cupro--nickel base material available on the Midi clip
* Available in 100% tin plate and Tin/Lead (Beryllium Copper only)
* Contact resistance as low as 20mΩ |
 |
Spring Contacts from Harwin
by Harwin - 2013-12-18 14:29 - 12,660 views
EZ-BoardWare spring contacts from Harwin:
• SMT devices for use in shielding, grounding and general electrical connection applications.
• Suitable for wiping and sliding actions.
• 15 different designs, current ratings up to 9A.
• Heights vary from 1.7 to 7.25mm free height, 1.2 to 6.35mm working height.
• Multi-directional contacts allow for both Vertical and Horizontal contact actions.
|
 |
EZ-Boardware
by Harwin - 2013-10-08 15:46 - 42,607 views
|
 |
Tony Kanaan Harwin shout-out
by Harwin - 2013-05-24 16:52 - 4,029 views
Harwin are co-sponsoring an IndyCar driver,
here's what Tony Kanaan had to say on the matter!
|
 |
Harwin Manufacture Connectors
by Harwin - 2013-05-21 17:16 - 4,047 views
At Harwin, we design and manufacture PCB connectors and SMT
hardware components.
We have an enviable reputation for quality and offer award winning
service, see how we achieve this and more in this updated company video.
|