|
Harris Corporation - Tech Talks: Ka-band Antennas
by Harris - 2015-03-11 14:40 - 266,850 views
Tech Talks: Ka-band Antennas. Michael Nolan presentation from conference. |
 |
Harris Corporation - Momentum™ radios provide reliable, affordable, digital communications
by Harris - 2015-03-09 17:16 - 41,764 views
The DMR certified, budget-friendly Harris Momentum™ family of digital radios include a complete line of portable and mobile radios available in
VHF, UHF, 800 and 900 MHz. |
 |
Harris Corporation - XG-75M Mobile Radio Delivers Secure Communications
by Harris - 2015-03-09 17:08 - 27,975 views
The Harris XG-75M is the mobile workhorse for public safety users around the world. Designed to meet critical demands, this multimode mobile
offers end-to-end encrypted digital voice and data. |
 |
Harris Corporation - XG-25M Mobile Radio Offers Affordable Reliability
by Harris - 2015-03-09 17:07 - 28,795 views
The Harris XG-25M is a feature-rich, economical mobile solution for mission-critical communications. Armed with Bluetooth® functionality, the
XG-25M has exceptional audio in a rugged, compact design. |
 |
Harris Corporation - Harris Fire Mic Takes the Heat
by Harris - 2015-03-05 17:03 - 8,259 views
Harris' Fire Remote Speaker Microphone undergoes engineering burn testing with a blow torch. The Fire RSM delivers rugged reliability when it
matters most -- performance under fire. |
 |
Harris Corporation - Unity XG-100M, The Most Advanced Multiband Mobile for Public Safety
by Harris - 2015-02-05 11:05 - 12,052 views
Made in the USA, the full-spectrum Unity® XG-100M mobile radio delivers unparalleled interoperability, ease-of-use and advanced capabilities
that mission-critical users can depend on for years to come. |
 |
Harris Corporation - PSPC Presents New Technology Concept Car
by Harris - 2014-11-12 17:26 - 6,377 views
Harris PSPC teamed up with Havis Inc. and Lectronix to design a fully integrated connected car that combines public safety and commercial
LTE cellular network capabilities throughout the vehicle using the Harris MBC-200 LTE mobile router. The car integrates various connected
applications through Harris’ secure BeOn® communications platform using any broadband or narrowband network. |
 |
Harris Corporation – XG-25P The Economical and Feature-Rich Solution for First Responders
by Harris - 2014-11-12 17:09 - 5,075 views
Harris’ XG-25P radio is budget-friendly and feature-rich. The XG-25P single-band portable radio provides the best economical value on the P25 market today. |
 |
Harris’ Symphony™ Dispatch Console Simplifies Workflow
by Harris - 2014-11-12 10:38 - 5,667 views
Harris’ Symphony Console was designed for simple, efficient dispatch operation. Symphony features patented Baton™ technology that
simplifies workflow by putting the features dispatchers want where they need them most without an extra monitor, keyboard or mouse. |
 |
Harris Air-to-Ground Networking
by Harris - 2014-11-11 16:42 - 8,952 views
Multi-Mission Airborne Networking Radio Solutions
Interoperability for communications between ground troops and airborne assets has never been more important. From close air support, to
search and rescue, to air-to-air, and air-to-ground communications, Harris enables assured communications with our family of radios. |