Total : 1 ( 1/1 Pages)
Grayhill MTRE
by Grayhill - 2013-05-23 16:18 - 4,023 views
About the MTRE The Multi-Touch Ring Encoder features a 50mm diameter surface that tracks multiple touch positions. Tracked touch-point data is sent from the device via USB to the system using Instinct software for interpretation. For mechanical control, a ring encoder encircles the touchpad and the entire knob can be pressed. The rotary function allows the user to scroll through options and the pushbutton selects the desired setting. Implementing the MTRE eliminates the need for additional devices such as joysticks, touchpads and trackballs. This results in a compact and intuitive user interface.

       1        

| Total | 2013-05-23 |
All Rights Reserved© Alldatasheet.com 2003 - 2013