Total : 2 ( 1/1 Pages)
TTP eNode B case study video
by Freescale - 2015-03-09 17:17 - 30,840 views
This video shows how TTP’s new eNodeB based on the QorIQ Qonverge® BSC9131 from Freescale fits into a photocell socket of a standard lamp post, providing the quickest possible installation without any modification to the lighting column or its power supply. The solution incorporates LTE Access Point software from ip.access and has been demonstrated with the Quortus ECX Core evolved packet core targeted at 50 metre cells, supporting up to 32 active users at downlink rates of up to 100 Mbps.
Freescale Thread Demo with AllJoyn® Application Framework
by Freescale - 2015-03-09 17:12 - 13,349 views
Freescale demonstrates Thread, an IP-based mesh networking protocol, running on the Kinetis KW2x family of Wireless MCUs with integrated 2.4 GHz 802.15.4 radio, an IoT Gateway based on the i.MX 6 series processor and connected to several end devices running the AllJoyn application framework. see more @ http://www.freescale.com/thread

       1        

| Total | 2015-03-11 | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-02-05 |
All Rights Reserved© Alldatasheet.com 2003 - 2013