Popular News
Daily News
Total : 276 ( 4/28 Pages)
Complexity Driving the Need for Ease of Use
by Freescale - 2014-11-12 17:19 - 4,777 views
Freescale's Sam Fuller talks about how changes in the networking industry are increasing complexity and driving the need for solutions that are easier to use. SDN, NFV and other technologies are discussed as well as how Freescale is helping engineers get more out of their core by building on smarter hardware with devices like QorIQ processors. http://www.freescale.com/webapp/sps/s...
Tackling the Big Numbers of IoT
by Freescale - 2014-11-11 16:22 - 4,865 views
Did you know that 70% of our water is used for agriculture? 45% of electricity used worldwide is for electric motors? 75% of money spent in the medical industry is for chronic diseases? Freescale's Steve Nelson brings up the big numbers at the Cisco IoT World Forum in Chicago, giving his perspective on how the promise of the Internet of Things can impact some of these global issues.
Kinetis MCU Portfolio Overview Video
by Freescale - 2014-11-11 16:17 - 4,564 views
Spanning across six unique series, the Kinetis MCU portfolio is the industry’s broadest range of compatible and scalable MCUs based on ARM Cortex-M cores, offering the choice of general purpose or application specific features. And with such a broad offering, you’re sure to find the right MCU for your design.
5W charging and side watt communications with portable devices
by Freescale - 2014-10-21 15:20 - 138,862 views
Built to automotive grade specifications, this Qi compliant wireless charging reference design charges up devices in the car. The devices can integrate into the dash or center console of car. This demo is featured on Freescale’s Internet of Tomorrow Tour, driving the IoT to you. Tour dates @ http://freescale.com/IoT/Tour
ADAS: High-performance and mid-level instrument clusters IoT tour
by Freescale - 2014-10-21 15:19 - 142,584 views
Explore instrument clusters, from mid-level instrument clusters that are highly integrated, cost-effective single chip programmable solutions to high-performance, large LCD displays. This demo is featured on Freescale’s Internet of Tomorrow Tour, driving the IoT to you. Tour dates @ http://freescale.com/IoT/Tour
NASCAR controller unit (Electronic Fuel Injection) / IoT Tour
by Freescale - 2014-10-21 15:19 - 122,820 views
Well over 1,000,000 miles of race-proven performance with our technology! The TAG-400N is a compact, self-contained engine management system and data logger for race engines up to eight cylinders. The unit is complete with integrated ignition and injection drivers and so needs no external units to run an engine. The TAG-400N exploits Freescale technology to provide a powerful and flexible platform for extracting the optimum performance from an engine. Turnkey systems or customer prepared applications are both supported. In 2013, NASCAR completed more than one million Sprint Cup Series competition miles without a single engine controller failure. This demo is featured on Freescale’s Internet of Tomorrow Tour, driving the IoT to you. Tour dates @ http://freescale.com/IoT/Tour
oMG Mobile Gateway (oMG): Secure, persistent, wireless WAN for vehicles IoT Tour
by Freescale - 2014-10-21 15:12 - 123,890 views
The oMG can be configured with multiple embedded WAN access technologies to provide uninterrupted data connectivity with unsurpassed throughput. Supported technologies include commercial cellular LTE, public safety broadband LTE (FirstNet), 2.4 GHz or 5 GHz Wi-Fi and 4.9 GHz broadband. It is also able to accept many consumer USB modems provided by your carrier for economical connectivity. The oMG is designed to be the central communications hub in the vehicle. Costly data plans can be reduced as multiple devices can simultaneously share the WAN uplink via Ethernet, Serial, USB, Bluetooth and Wi-Fi. The Wi-Fi supports both 2.4 GHz and 5 GHz MIMO, utilizing an external antenna to provide the best possible throughput and reach in and around the vehicle. This demo is featured on Freescale’s Internet of Tomorrow Tour, driving the IoT to you. Tour dates @ http://freescale.com/IoT/Tour
Landscape Irrigation Controller / #IoTtour
by Freescale - 2014-10-21 15:08 - 124,240 views
Predictive weather and precise control optimizes water usage in irrigation. The Rachio Iro smart sprinkler controller provides irrigation scheduling that automatically adjusts for changes in weather and seasonality. This conserves water while keeping the landscape looking its best. Iro is controlled via wfi using the smartphone app. Obtain system status and make adjustments from anywhere on the Internet. This demo is featured on Freescale’s Internet of Tomorrow Tour, driving the IoT to you. Tour dates @ http://freescale.com/IoT/Tour #DrivingIoT #IoTtour
Fireplace with LEDs: Internet of Tomorrow Tour and PJRC's Teensy #DrivingIoT #IoTtour
by Freescale - 2014-10-21 15:08 - 134,155 views
Create realistic ambiance using open source PJRC’s Teensy board that’s Arduino compatible. In this demo, LEDs are controlled with a Kinetis MCU to emulate multiple different fireplace atmospheres complete with audio. You can make this a larger size, use it to create a beach, fall park or green grass ambience. This demo is featured on Freescale’s Internet of Tomorrow Tour, driving the IoT to you. Tour dates @ http://freescale.com/IoT/Tour
Next Gen i.MX 6 Series Processor Featuring ARM® Cortex®-A9 and Cortex-M4 Cores
by Freescale - 2014-10-21 15:02 - 6,049 views
http://www.freescale.com/imx6series - Introducing the first microprocessor with a Cortex-A9 core plus a Cortex-M4 core. Together, they help offload tasks, optimize power efficiency, and increase system integrity and security.

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-02-05 |
All Rights Reserved© Alldatasheet.com 2003 - 2013