Total : 3 ( 1/1 Pages)
New This Week - Feb. 24th, 2015
by EEweb - 2015-03-06 16:28 - 12,088 views
This week we’ll cover TE Connectivity’s ARISO contactless connectivity platform, a Bosch Sensortec digital pressure sensor, and 1200V IGBTs from International Rectifier.
Tech Lab - Crouzet Chronos 2
by EEweb - 2015-03-06 16:27 - 59,742 views
We look at Crouzet Control’s Chronos 2 timers, which are available from OnlineComponents.com. The Chronos 2 family is able to address a wide range of industries and applications due to the various functions and configurations available. The demo unit I have is made up of three 17.5mm DIN rail modules, but there are also 22.5mm DIN rail industrial modules as well as 35mm removable industrial modules with an 8 or 11 pin base. The timing function can be set from one-tenth of a second to one hundred hours, and the timers are available in mono or multifunction models. There are too many functions to cover all of them effectively in a single video, but I do want to highlight a few that are available in this demo unit.
Tech Lab - Trinamic TMC5130
by EEweb - 2015-03-06 10:15 - 13,133 views
We review Trinamic’s TMC5130 using their eval driver kit. The TMC5130 is a stepper motor controller as well as motor driver, operating up to 46V and delivering a peak amperage of 2.5A. This driver utilizes Trinamic’s stealthChop driver technology which provides a unique waveform shape giving nearly completely silent motor operation.

       1        

| Total | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-03-05 | 2015-03-04 |
All Rights Reserved© Alldatasheet.com 2003 - 2013