|
PSoC 4 BLE 101: 3 Finishing the Find Me Application with Firmware
by Cypress - 2015-03-09 16:36 - 8,434 views
#3 of 6 PSoC BLE Lessons. In this lesson we take the Find Me profile you configured in the previous video and add the firmware required to
make it work on the PSoC 4 BLE. Watch these PSoC Creator 101 BLE videos to understand all of the BLE concepts required to get started. |
 |
PSoC 4 BLE 101: 4 Adding Battery Level Service and Testing with CySmart
by Cypress - 2015-03-09 16:36 - 8,591 views
#4 of 6 PSoC BLE lessons. This lesson takes the Find Me profile built in the first two lessons & adds a Battery Level service. Most BLE devices
are battery-powered, often with just a CR2032 coin cell. Easily add the service without writing any code. |
 |
PSoC 4 BLE 101: 5 Using CapSense with Bluetooth Low Energy
by Cypress - 2015-03-09 16:35 - 9,794 views
#5 of 6 PSoC BLE lessons. In this BLE lesson, we show how to use PSoC Creator’s Custom Service to quickly and easily add a CapSense
slider to a BLE (Bluetooth Low Energy) design. |
 |
PSoC 4 BLE 101: 6 Extending Battery Life with PSoC Low Energy Modes
by Cypress - 2015-03-09 16:35 - 9,545 views
#6 of 6 PSoC BLE lessons. Add power savings into your BLE designs easily using PSoC and PSoC Creator. In the last lessons we created
Find Me peripheral with a Battery Level service. This lesson shows how to minimize power consumption to extend battery life in your BLE designs |
 |
PSoC 4 M-Series
by Cypress - 2015-03-09 16:35 - 14,809 views
PSoC 4 M-Series expands the popular PSoC 4 family of products, enabling engineers to easily migrate and improve existing product designs.
PSoC 4 M-Series has an extended Analog Front End, more Universal Building Blocks and up to 128KB of flash memory, including special
modules like CAN communications and DMA capabilities. |
 |
How to Get Started with PSoC 4 by Turning On/Off an LED
by Cypress - 2015-03-09 16:31 - 9,162 views
PSoC is a unique architecture. In this video, we demonstrate how to turn on and off an LED with PSoC 4, directly working with the hardware
and with no CPU intervention. Something no other MCU can do! |
 |
How to Get Started with PSoC 4 by Toggling an LED
by Cypress - 2015-03-09 16:31 - 10,398 views
PSoC is a unique architecture. In this video, we demonstrate how to turn on and toggle an LED with PSoC 4, directly working with the hardware
and with no CPU intervention. Something no other MCU can do! |
 |
How to blink an LED using Firmware with PSoC 5LP
by Cypress - 2015-03-09 14:32 - 9,697 views
PSoC enables you to work with firmware and hardware solutions. In this example, we will setup the hardware for PSoC enables you to work
with firmware and hardware solutions. we will setup the hardware for PSoC 5LP and use a firmware solution to toggle an LED. To setup the
hardware select a pin, configuring it as a software driven output driving the LED and writing the C Code in main() to turn on and off the LED. |
 |
How to Blink an LED Using a PWM Component with PSoC 5LP
by Cypress - 2015-03-09 14:31 - 8,516 views
In this video, we use a PSoC Creator component to configure a PWM to blink an LED. The PWM component provides compare outputs to
generate single or continuous timing and control signals in hardware. The PWM provides an easy method of generating complex real-time
events accurately with minimal CPU intervention. |
 |
How to Get Started with CapSense and PSoC 5LP
by Cypress - 2015-03-09 14:30 - 9,990 views
Learn how to setup 2 buttons and a 5 element linear slider using Cypress CapSense CSD component. Turn on and off an LED and modify a
horizontal bar graph on our board. We use the example project included with PSoC Creator, which allow you to easily get started with
CapSense solutions.Capacitive Sensing or Cypress CapSense uses a Delta-Sigma Modulator (CapSense CSD) component, included in PSoC
Creator. This is a versatile and efficient way to measure capacitance in applications such as touch sense buttons, sliders, touchpad, and
proximity detection |