Total : 2 ( 1/1 Pages)
How to Get Started with an ADC, DMA and VDAC Example Projects for PSoC 5LP
by Cypress - 2015-03-06 17:32 - 33,754 views
This video shows how you can use PSoC to transfer data from one peripheral (ADC) to another (VDAC), using DMA without any CPU intervention. This design has already configured the DMA for you, so you can adapt it to fit your needs.The example also uses the Kit’s LCD to display information.
How to Get Started with an Opamp Example Projects for PSoC 5LP
by Cypress - 2015-03-06 16:28 - 35,429 views
How to get a project started for a non inverting gain amplifier using PSoC’s internal Opamp. The project consists of OpAmp component with analog input and output pins. VDAC8 is used to give voltage input to the non-inverting input pin of the OpAmp and Pin_1 is connected to the inverting input pin of the OpAmp and is mapped to P0(3). Vout_1 pin is used to get the output voltage from OpAmp and is mapped to P0(1). Character LCD is used to display the test name and OpAmp configuration.

       1        

| Total | 2015-03-11 | 2015-03-09 | 2015-03-06 | 2015-03-04 | 2014-12-18 |
All Rights Reserved© Alldatasheet.com 2003 - 2013