Total : 4 ( 1/1 Pages)
2.8 GSPS 16-Bit/11-Bit High Speed D/A Converters
by AnalogDevice - 2014-11-13 14:13 - 4,326 views
The AD9136/AD9135 are the industry’s highest signal bandwidth dual d/a converters on the market. Watch now to see how these new high speed converters are pushing the technology frontier.
Op Amp with OVP and EMI Provides Robustness and Precision
by AnalogDevice - 2014-11-13 14:13 - 4,743 views
See how ADA4177-2, the precision, low noise, low offset, low input current op amp with integrated OVP (over-voltage protection) & EMI (electro-magnetic interference) filter simplifies the design challenge of signal chain protection & system accuracy.
Automotive Bus Technology Delivers Superior Digital Audio Quality
by AnalogDevice - 2014-11-13 14:12 - 4,596 views
The AD2410 transceiver enables ADI’s new Automotive Audio Bus (A²B), which significantly reduces the weight of existing cable harnesses, resulting in improved vehicle fuel efficiency while delivering high fidelity audio.
AD6676 High Speed ADC: Wideband IF Receiver Subsystem
by AnalogDevice - 2014-11-13 14:12 - 4,481 views
This video will take you a technical tour of the AD6676. In under 3 minutes you’ll take a look at the integration features, specifications and what to expect when using this wideband IF receiver in your application.

       1        

| Total | 2014-12-03 | 2014-11-27 | 2014-11-13 | 2014-11-11 | 2014-09-24 |
All Rights Reserved© Alldatasheet.com 2003 - 2013