Popular News
Daily News
Total : 106 ( 9/11 Pages)
K-Type Thermocouple Measurement System
by AnalogDevice - 2013-09-11 11:08 - 4,157 views
This reference circuit provides complete thermocouple signal conditioning with cold junction compensation followed by a 16-bit sigma-delta ADC. The system measures temperatures from 15°C to 950°C.
Process Control Systems -- from Field Transmitter to Actuator
by AnalogDevice - 2013-09-11 11:08 - 3,986 views
This demonstration forms a complete solution from field transmitter to actuator. It incorporates a loop powered field instrument with HART interface (CN0267), a universal analog input board (CN0325), and analog output with HART connectivity (CN0321).
A MEMs based Tilt Sensing Solution with 1° Accuracy
by AnalogDevice - 2013-09-11 11:07 - 3,835 views
In this reference circuit, the output voltage of the ADXL203 dual axis accelerometer, produced by acceleration in the x- or y-axis, passes through buffers to attenuate and level shift the sensor outputs so they are at proper levels for conversion.
High Speed PCB Fundamentals Demo
by AnalogDevice - 2013-09-11 11:07 - 3,995 views
This demo examines two sets of functionally identical PCBs. One uses traditional PCB design techniques, the other uses high speed PCB design techniques, where performance improvements can be observed.
Precision Weigh Scale Reference Circuit
by AnalogDevice - 2013-09-11 11:06 - 3,906 views
Using a 24-bit sigma delta ADC and external zero-drift amplifiers, this circuit yields 15.3-bit noise-free code resolution for a load cell with a full-scale output of 10 mV. Good performance is maintained through 120 Hz conversion rate.
Software Defined Radio
by AnalogDevice - 2013-09-11 11:06 - 3,911 views
The FMCOMMS1-EBZ high-speed analog module is designed to showcase the latest generation high-speed data converters. The FMCOMMS1-EBZ provides the analog front-end for a wide range of compute-intensive FPGA-based radio applications.
ezLINX™ Isolated Integrated Development Environment
by AnalogDevice - 2013-09-11 11:05 - 3,407 views
ezLINX™ is an integrated development environment containing eight isolated communications interfaces. In this demo, two boards communicate across a Controller Area Network (CAN) bus via twisted pair wiring.
High Speed ADC FMC Development Board with JESD204B
by AnalogDevice - 2013-09-11 11:05 - 4,110 views
This high-speed data acquisition board contains two AD9250 14-bit, 250 MSPS dual ADCs which support high-speed serial JESD204B coded outputs for improved FPGA connectivity. In this example, it is connected to a Xilinx KC706 development board.
FMC High Performance Servo Control Platform
by AnalogDevice - 2013-09-11 11:04 - 3,144 views
This video show a complete motor control solution and features products from Analog Devices, MathWorks and Xilinx (ISE and ChipScope Pro).
Introduction to the EVAL - ADV8003EBZ Evaluation Board
by AnalogDevice - 2013-08-27 10:17 - 14,028 views
The ADV8003 is a video signal processor. This video shows how to quickly set-up the ADV8003 evaluation board.

       1 2 3 4 5 6 7 8 9 10         

| Total | 2014-12-18 | 2014-12-03 | 2014-11-27 | 2014-11-13 | 2014-11-11 |
All Rights Reserved© Alldatasheet.com 2003 - 2013