Popular News
Daily News
Total : 106 ( 8/11 Pages)
High Voltage Motor Control Demonstration Platform
by AnalogDevice - 2013-09-26 13:43 - 4,722 views
This video showcases the advanced motor control capabilities of the new ADSP-CM408 mixed-signal processor control board with integrated 240 MHZ floating point ARM® Cortex -- M4 core in conjunction with ADI's High Voltage power board.
ADSP-CM40x Series of Mixed-Signal Processors
by AnalogDevice - 2013-09-26 13:43 - 5,032 views
This video highlights the advanced features and functionality of the new ADSP-CM40x series of mixed-signal processors featuring an integrated 240 MHZ floating point ARM® Cortex -- M4 core and best-in-class dual ADC performance.
4-Channel AFE for Wide Dynamic Range Signal Conditioning
by AnalogDevice - 2013-09-11 11:13 - 4,606 views
This reference circuit provides programmable gain, high CMR, and high input impedance. It maintains very good performance and has an easy configuration for signals w/ varying amplitudes. It accepts full-scale input signals from a few mV up to ±10V.
High Accuracy Impedance Measurement
by AnalogDevice - 2013-09-11 11:13 - 4,656 views
Using a high precision impedance converter system that combines an on-chip programmable frequency generator with a 12-bit, 1 MSPS (or 250 kSPS) ADC, this ref circuit yields accurate impedance measurements extending from low ohm to several hundred kΩ.
Dual Channel Colorimeter with Programmable Gain Amplifiers
by AnalogDevice - 2013-09-11 11:12 - 4,322 views
This reference circuit can be used in chemical analysis and environmental monitoring instruments to measure concentrations and characterize materials through absorption spectroscopy. It has a modulated light source TX and a synchronous detector RX.
Carbon Monoxide Toxic Gas Detector
by AnalogDevice - 2013-09-11 11:12 - 4,135 views
This reference circuit is a single-supply, low power, battery operated, portable gas detector using an electrochemical sensor. Total power consumption for the circuit is approximately 110 μA (no gas detected) and 460 μA (2000 ppm CO detected).
Signal Chain Designer: A New Way to Design Online
by AnalogDevice - 2013-09-11 11:11 - 4,261 views
Signal Chain Designer™ is an advanced selection and design environment that enables custom design creation and direct interactive access to more than 200 tested application circuits and verified product combinations.
Current Monitoring with High Common Mode Voltages
by AnalogDevice - 2013-09-11 11:11 - 4,281 views
This reference circuit monitors current in systems with high positive common-mode dc voltages of up to 500 V with less than 0.2% error, and is powered by a single 5V supply. Galvanic isolation is provided by a quad channel digital isolator.
Simulation Tools for Synthesis and Clock Generation
by AnalogDevice - 2013-09-11 11:10 - 4,112 views
This video provides an overview of Analog Devices tools for selecting, using, and configuring clocks and frequency synthesis devices such as direct digital synthesis (DDS), phase-locked loops (PLL), and clock distributors.
Isolated, Industrial Voltage Level Data Acquisition System
by AnalogDevice - 2013-09-11 11:09 - 3,601 views
This reference circuit is a highly integrated 16-bit, 250 kSPS, 8-channel data acquisition system that can digitize ±10 V industrial level signals. It provides 2500 V rms isolation between the measurement circuit and the host controller.

       1 2 3 4 5 6 7 8 9 10         

| Total | 2014-12-18 | 2014-12-03 | 2014-11-27 | 2014-11-13 | 2014-11-11 |
All Rights Reserved© Alldatasheet.com 2003 - 2013