Popular News
Daily News
Total : 106 ( 7/11 Pages)
Amplify, Level Shift, and Drive Precision Systems
by AnalogDevice - 2014-03-06 10:56 - 2,897 views
Amplifiers are the workhorses of data acquisition and transmission systems. They capture and amplify the low level signals from sensors and transmitters, and can pull these signals from high noise and high common -mode voltage levels. Amplifiers can also change the signal range and switch from single-ended to differential (or the reverse) to match exactly the input range of an ADC. This session covers the versatility and power of amplifiers in precision systems. Presented by: Gustavo Castro, Applications Engineer for Instrumentation Amplifiers
SigmaDSP® Processor for Audio Applications and Products
by AnalogDevice - 2014-01-28 14:23 - 62,207 views
CES Exclusive: ADAU1452 is a powerful audio-centric digital signal processor with features and functionality that outpaces the competition. It can be used in consumer home, professional and automotive equipment.
NatureVue™ UHD Video Processing and UHD HDMI™ Switching
by AnalogDevice - 2014-01-28 14:22 - 109,541 views
CES Exclusive: See ADI's latest high performance Video Signal Processor and HDMI Transceiver supporting UHD (4K) including bypass, up scaling from lower resolution formats to UHD as well as down scaling UHD to various lower resolution formats.
ADuM144x: Such Low Power That It Can Be Powered By A Potato!
by AnalogDevice - 2013-12-28 09:46 - 3,242 views
http://www.analog.com/ADuM144x The ADuM144x family of digital isolators is the industry's lowest power isolators. Capable of up to 2500V of isolation in an ultra-small QSOP package, check out how a common potato can drive these devices. An Alternative to Optocouplers http://www.analog.com/en/content/Opto... iCoupler Digital Isolator Products http://www.analog.com/en/interface/di... Interface Products http://www.analog.com/interface
Industry's Lowest Power Digital Isolators
by AnalogDevice - 2013-11-14 16:36 - 4,424 views
http://www.analog.com/ADuM144x The ADuM144x family of digital isolators is the industry's lowest power isolators. Capable of up to 2500V of isolation in an ultra-small QSOP package, check out how a common potato can drive these devices.By Analog Devices An Alternative to Optocouplers http://www.analog.com/en/interface/di... iCoupler Digital Isolator Products http://www.analog.com/en/interface/di... Isolated Transceivers http://www.analog.com/en/interface-is... Interface Products http://www.analog.com/en/interface/pr...
System Services & Device Drivers: CrossCore® Embedded Studio
by AnalogDevice - 2013-10-28 09:45 - 3,771 views
This training module introduces the Device Drivers and System Services 2.0 API for Blackfin in Crosscore® Embedded Studio.
Migrating from VisualDSP++® to CrossCore® Embedded Studio
by AnalogDevice - 2013-10-28 09:44 - 4,053 views
This training module will walk you through the steps required for migrating a VisualDSP++® Blackfin project using the System Services and Device Drivers 1.0 API to CrossCore® Embedded Studio and the System Services and Device Drivers 2.0 API.
AD9361 RF Transceiver and Support Ecosystem
by AnalogDevice - 2013-10-23 16:31 - 4,805 views
www.analog.com/AD9361RFTransceiver View an overview of the AD-FMCOMMS2-EBZ-FMC board, a support ecosystem for the new AD9361 RF Transceiver. This rapid prototyping environment supports multiple communications protocols and speeds time to market from months to days.
AD9361 RF Agile Transceiver
by AnalogDevice - 2013-10-23 16:31 - 4,669 views
www.analog.com/AD9361RFTransceiver Learn about the revolutionary AD9361 RF Agile Transceiver, a complete radio design for SDR applications. It achieves leading performance, high integration, wideband operation and utmost flexibility and is supported by the AD-FMCOMMS2-EBZ-FMC board.
ezLinx™ Series: Debugging Your CAN Communications Network
by AnalogDevice - 2013-10-15 14:26 - 3,805 views
http://www.analog.com/ezLINX The ezLinx iCoupler® isolated interface development tool provides a plug and play solution for evaluating 8 physical layers, digitally-isolated communication standards. This video shows the steps of debugging your CAN communication networks. An Alternative to Optocouplers http://www.analog.com/en/content/Opto... iCoupler Digital Isolator Products http://www.analog.com/en/interface/di... Isolated Transceivers http://www.analog.com/en/interface/di... Interface Products http://www.analog.com/interface

       1 2 3 4 5 6 7 8 9 10         

| Total | 2014-12-18 | 2014-12-03 | 2014-11-27 | 2014-11-13 | 2014-11-11 |
All Rights Reserved© Alldatasheet.com 2003 - 2013