Popular News
Daily News
Total : 106 ( 5/11 Pages)
Analog Devices' Motor Control Platform Demonstration
by AnalogDevice - 2014-03-12 14:01 - 4,262 views
) This video includes a demonstration of the Analog Devices' ADSP-CM40x mixed-signal control processor with ARM® Cortex®-M4 core driving two high-precision servos simultaneously along with the Xilinx® Zynq® based FPGA development kit, all connected to Analog Devices' sophisticated front-end control, isolation and power solutions.
Embedded Vision Systems - Enabling the Ultimate "Machines That See"
by AnalogDevice - 2014-03-12 14:01 - 3,828 views
) The Blackfin-based Embedded Vision Systems Technology platform demonstrates advanced algorithms used in edge detection, character segmentation and recognition, face detection and eye tracking, drowsy operator detection and object recognition and tracking. These proprietary algorithms are used extensively in modern industrial/ commercial applications that require real-time analysis of live video in systems such as security and surveillance, parking access, building automation and control, currency counting, machinery and control, and much more.
iCoupler® Low Power Digital Isolator
by AnalogDevice - 2014-03-12 14:00 - 3,671 views
) The ADuM124x (www.analog.com/ADuM124x) and ADuM144x (www.analog.com/ADuM144x) families of digital isolators are the industry's lowest power isolators. Capable of up to 2500V of isolation in an ultra-small QSOP package, check out how a common potato can drive these devices.
ADuCM350, Impedance Analyzer on a single Chip
by AnalogDevice - 2014-03-12 11:53 - 3,638 views
) The ADUCM350 is a complete meter on chip which can be used in Medical & Industrial applications for high precision Impedance Analyses as well as Bio-medical measurements. The Analog front-end consists of a flexible wave form generator to power the load and a receive channel with 16Bit/160kSPS Analog to Digital converter to measure the response. An on-board DFT engine provides the results of the measurement which can be stored through DMA into flash memory. The Cortex M3 processor provides all flexibility for user interfacing including a 6 channel capacitive key board interface, LCD driver, various wired interfaces including USB and an acoustic driver, all in a 8x8mm BGA package. When performance is required however size, power and price matters, this ADUCM350 is the answer.
AD-FMComms3-EBZ: AD9361 2 X 2 RF AGILE TRANSCEIVER Software development Kit
by AnalogDevice - 2014-03-12 11:47 - 4,289 views
) The AD-FMCOMMS[234]-EBZ cards are a high-speed analog FMC module designed to showcase the AD9361 or AD9364, a high performance, highly integrated RF agile transceiver intended for use in RF applications, such as 3G and 4G base station applications and software defined radios.
System Partitioning and Design
by AnalogDevice - 2014-03-06 11:26 - 3,645 views
Acquired analog signals can be manipulated and processed by either the analog or digital portions of a system, for example, through filtering, multiplexing, and gain control. The analog portions of a system can typically provide reasonably simple processing at fairly low cost, power, and overhead. Digital processing can provide far greater analysis power and can alter the nature of the analysis without changing hardware. Sampling theory, however, must be taken into account. This session covers the signal chain basics from signal to sensor to amplifier to converter to digital processor and back out again.
Process Control Systems
by AnalogDevice - 2014-03-06 11:25 - 3,906 views
The industrial control market involves the monitoring and control aspects of both complex and simple processes. Common trends within the industry, notably the drive for increased efficiencies, better robustness, higher channel densities, and faster monitoring and control speeds, subsequently drive new technology advancements for semiconductor manufacturers. This session aims to give a broad overview of the system requirements for both field instruments (sensors/actuators) and control room (analog input/output) modules, and demonstrates a typical I/O module configuration with HART® (highway addressable remote transducer) connectivity. Presented by: Derrick Hartmann, Systems Applications Engineer
Powering Noise Sensitive Systems
by AnalogDevice - 2014-03-06 11:24 - 3,781 views
When it comes to high performance signal chains, you need high performance power solutions. Noise sensitive circuits such as analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, and phase lock loops (PLLs)—as well as FPGAs—demand low noise power supplies that require specialized design techniques. Engineers spend hours trying to figure out how to power these circuits without adding noise. This presentation will focus on understanding various methods for not only approaching but meeting system requirements. The session will introduce tested solutions and layout considerations that must be taken into account when designing with switching regulators and low drop ou t (LDO) regulators. Presented by: Luca Vassalli, Power Management Applications Manager
Motor Control
by AnalogDevice - 2014-03-06 11:23 - 4,021 views
This session provides insight into the operation of electric motor drive systems. Topics include electric motor operation and construction, motor control strategies, feedback sensors and circuits, power and isolation, and challenges of designing highly efficient motor control systems. A new high performanc e servo control FMC board will be introduced in the presentation, which provides an efficient motor control solution for different types of electric motors, addresses power and isolation challenges, and provides accurate measurement of motor feedback signals and increased control flexibility due to FPGA interfacing capabilities. The motor control hardware platform will be used to demonstrate rapid prototyping of motor control algorithms using Xilinx base platforms and the MathWorks development and simulation tools. Presented by: Andrei Cozma, Design Manager
Frequency Synthesis and Clock Generation for High Speed Systems
by AnalogDevice - 2014-03-06 11:20 - 2,945 views
Frequency synthesis and clock generation are now key elements in all aspects of high speed data acquisition and RF design. In this session, the primary types of frequency synthesizers—phase-locked loops (PLL) and direct digital synthesizers (DDS)—are discussed, along with the applications for when each is appropriate. Also covered are detailed aspects of synthesizer design. Other applications, such as clock distribution and translation are addressed, and problems associated with poor clocking are identified. Examples of poor clocking are shown, along with the results of doing it properly. Presented by: Mike Curtin, Applications Engineering Manager

       1 2 3 4 5 6 7 8 9 10         

| Total | 2014-12-18 | 2014-12-03 | 2014-11-27 | 2014-11-13 | 2014-11-11 |
All Rights Reserved© Alldatasheet.com 2003 - 2013