Popular News
Daily News
Total : 106 ( 2/11 Pages)
Op Amp with OVP and EMI Provides Robustness and Precision
by AnalogDevice - 2014-11-13 14:13 - 4,695 views
See how ADA4177-2, the precision, low noise, low offset, low input current op amp with integrated OVP (over-voltage protection) & EMI (electro-magnetic interference) filter simplifies the design challenge of signal chain protection & system accuracy.
Automotive Bus Technology Delivers Superior Digital Audio Quality
by AnalogDevice - 2014-11-13 14:12 - 4,544 views
The AD2410 transceiver enables ADI’s new Automotive Audio Bus (A²B), which significantly reduces the weight of existing cable harnesses, resulting in improved vehicle fuel efficiency while delivering high fidelity audio.
AD6676 High Speed ADC: Wideband IF Receiver Subsystem
by AnalogDevice - 2014-11-13 14:12 - 4,440 views
This video will take you a technical tour of the AD6676. In under 3 minutes you’ll take a look at the integration features, specifications and what to expect when using this wideband IF receiver in your application.
Wideband_Amps
by AnalogDevice - 2014-11-11 16:15 - 4,082 views
Wideband_Amps
Welcome to electronica 2014
by AnalogDevice - 2014-11-11 16:14 - 4,440 views
Analog Devices is returning to electronic 2014 and we welcome you to our Booth #159 in Hall A4. Our theme for this year’s show is “Go Anywhere with Analog”.
ims2012_hittite
by AnalogDevice - 2014-11-11 16:14 - 3,871 views
ims2012_hittite
HMC830LP6GE
by AnalogDevice - 2014-11-11 16:13 - 3,974 views
HMC830LP6GE
LTE-A Transceiver Demo
by AnalogDevice - 2014-11-11 16:12 - 4,215 views
LTE-A Transceiver Demo
AD7960:The First 5MSPS 18-bit PulSAR ADC
by AnalogDevice - 2014-09-24 15:27 - 4,823 views
Thisvideo demonstrates the AD7960. The industry’s fastest (5MSPS) 18-bit precision SAR ADC using AnalogDevices’ proprietary technology providing unprecedented performance in terms of speed, accuracy and minimum power.
AD9652:Dual, 310 MSPS ADC with Better SNR & Higher Bandwidth
by AnalogDevice - 2014-09-24 15:18 - 3,628 views
This video takes a look at the superior performance and integrated features, such as the dither block, of the AD9652 high speed A/D converter.

       1 2 3 4 5 6 7 8 9 10         

| Total | 2014-12-18 | 2014-12-03 | 2014-11-27 | 2014-11-13 | 2014-11-11 |
All Rights Reserved© Alldatasheet.com 2003 - 2013