Popular News
Daily News
Total : 106 ( 11/11 Pages)
Analog Filter Wizard -- Filter Specifications by Analog Devices, Inc.
by AnalogDevice - 2013-05-22 15:02 - 3,036 views
http://www.analog.com/designtools/en/... This video explains Analog Devices Filter Wizard's specifications screen in more detail.
ADAS1000 ECG Analog Front-End with Diagnostic Performance
by AnalogDevice - 2013-05-22 15:01 - 3,017 views
http://healthcare.analog.com The ADAS1000 is an integrated 5 channel AFE to support ECG measurement up to 8-leads with diagnostic performance. The chip supports additional features like Respiration-measurement, Pace-detect and AC/DC lead of detection.
Loop-Powered Field Instrument Circuit with HART Interface
by AnalogDevice - 2013-05-22 15:01 - 3,066 views
http://www.analog.com/CN0267 Save time in designing loop powered field instruments with Analog Devices' demo circuit. It features low power, high performance components -- ADuCM360 precision analog microcontroller, AD5421 16-bit 4-20mA loop- powered DAC and AD5700 FSK HART modem.
Blackfin® ADSP-BF609 Embedded Vision System
by AnalogDevice - 2013-05-22 15:00 - 3,421 views
http://www.analog.com/BF609 The Embedded Vision demo allows customers to quickly evaluate the processing capabilities of the new dual-core BF609 Blackfin processor, featuring accelerated image processing combined with low system cost and low power dissipation.
EMC Robustness Demo for RS-485 with Robot Arm Motor Control
by AnalogDevice - 2013-05-22 14:59 - 3,356 views
Complete EMC protection for RS-485 is shown in a robot arm motor control demo. Multiple RS-485 nodes use an externally certified EMC compliant circuit-from-the-lab®, with Analog Devices RS-485 transceivers and Bourns external protection devices.
Bluetechnix BF609 System-on-Module and 3D Sensor Demo
by AnalogDevice - 2013-05-22 14:58 - 3,575 views
http://www.bluetechnix.com/goto/senti... This video features the new BF609 based eCM-BF609 Module and the Sentis-ToF-M100 3D-Sensor by Bluetechnix. The Time-of-Flight (ToF) sensor with a Blackfin processor enables completely integrated solutions for robotics, HMI or people counting.

       11        

| Total | 2014-12-18 | 2014-12-03 | 2014-11-27 | 2014-11-13 | 2014-11-11 |
All Rights Reserved© Alldatasheet.com 2003 - 2013