Popular News
Daily News
Total : 255 ( 9/26 Pages)
デュアル・コンフィギュレーション・フラッシュ・ベース FPGA の利点
by Altera - 2014-10-21 11:41 - 4,306 views
MAX 10 FPGAの詳細: http://www.altera.co.jp/max10 アルテラの MAX 10 FPGA は、低コスト、シングル・チップ、スモール・フォーム・ ファクタのプログラマブル・ロ­ジック・デバイスによって高度な処理能力を提供し、 不揮発性 FPGA のインテグレーションに革命をもたらします。
LPDDR2 External Memory Controller Using Altera Cyclone V GX Dev Kit
by Altera - 2014-10-21 10:31 - 6,228 views
- See kit, example LPDDR2 design, top level RTL, qsf file, Quartus II software compile - Download sof, verify calibration success - Add SignalTap II logic analyzer, re-compile, run infinite loop, verify calibration and error free operation - See EMIF toolkit operation to debug and see margins of DQ/DQS lanes
MAX 10 FPGA Configuration
by Altera - 2014-10-20 17:47 - 4,439 views
http://www.altera.com/devices/fpga/max-10/max-10-index.html Overview of the Configuration Flash Memory (CFM) is integrated within the MAX 10 FPGA, how single and dual images are configured, programmed and are compressed via the CFM.
MAX 10 FPGA SEU and Security
by Altera - 2014-10-20 17:46 - 4,421 views
http://www.altera.com/devices/fpga/max-10/max-10-index.html Overview of AES Encryption, JTAG security, and Unique ID security features and the SEU mitigation.
MAX 10 FPGA Overview
by Altera - 2014-10-20 17:46 - 4,228 views
Max 10 FPGA family combines the ease of use of FPGAs with new features including an ADC, dual image configuration with instant on and a sleep mode along with design security. http://www.altera.com/devices/fpga/max-10/max-10-index.html
Benefits of Dual Configuration Flash based FPGAs
by Altera - 2014-10-20 17:45 - 4,157 views
Get a virtual tour inside Altera’s new MAX 10 FPGA and see how the on-die flash memory supports dual-configuration, for true fail-safe upgrades. For more information visit the Altera MAX 10 FPGA web page: http://bit.ly/1Cfrm7r
MAX 10 FPGA PLLs and Clocking
by Altera - 2014-10-20 17:43 - 4,031 views
http://www.altera.com/devices/fpga/max-10/max-10-index.html Overview of clocking structure, PLL resources, PLL architecture, and oscillator capabilities.
MAX 10 FPGA Analog Block
by Altera - 2014-10-20 17:43 - 4,224 views
http://www.altera.com/devices/fpga/max-10/max-10-index.html Overview of the ADC converter in MAX10 FPGA - how it works, how it is configured, how its performance can be measured, and what the key parameters are that influence the performance of the ADC
MAX 10 FPGA User Flash Memory
by Altera - 2014-10-20 17:42 - 4,292 views
http://www.altera.com/devices/fpga/max-10/max-10-index.html Overview of User Flash Memory organization, key features, and use models.
Integrated Non-volatile FPGAs and Kits Available Now
by Altera - 2014-10-20 17:40 - 5,385 views
See an overview of Altera’s new MAX 10 FPGAs and its complete solution of design resources now available. For more information visit the Altera MAX 10 FPGA web page: http://bit.ly/max-10

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-09 | 2015-03-05 | 2015-03-04 | 2015-02-03 | 2015-02-02 |
All Rights Reserved© Alldatasheet.com 2003 - 2013