Popular News
Daily News
Total : 11,049 ( 17/1105 Pages)
MSP-EXP430FR4133 Board Tour
by TexasInstruments - 2015-03-06 10:11 - 10,805 views
Take a board tour of the MSP-EXP430FR4133 LaunchPad.
MSP-EXP430G2 Value Line Board Tour
by TexasInstruments - 2015-03-06 10:11 - 10,715 views
Take a board tour of the original TI LaunchPad, the MSP-EXP430G2 Value Line LaunchPad.
LAUNCHXL-F28027F Board Tour
by TexasInstruments - 2015-03-06 10:10 - 10,803 views
Take a board tour of the LAUNCHXL-F28027F LaunchPad.
MSP-EXP430F5529LP Board Tour
by TexasInstruments - 2015-03-06 10:10 - 10,639 views
Take a board tour of the MSP-EXP430F5529LP LaunchPad.
CC3200-LAUNCHXL Board Tour
by TexasInstruments - 2015-03-06 10:09 - 10,938 views
Take a board tour of the CC3200-LAUNCHXL LaunchPad.
PUI Speaker Enclosures - Another Geek Moment Product Preview │ DigiKey
by DIGIKEY - 2015-03-06 10:09 - 8,439 views
PUI Audio introduces a new series of high quality, hassle free, loudspeaker enclosures. This new series from PUI is hassle free; no calculations or formulas needed. Each unit is placed in a ABS enclosure and is carefully matched with the acoustic capabilities of the speaker inside to ensure the highest sound quality and component durability for a variety of applications including: medical, fire and safety, point of sale, industrial, consumer electronics, and more. PUI’s speakers are available in five different options in 150mm lead wire lengths. Choose PUI’s speakers for an easy, turnkey solution to add audio to your project! Learn more about PUI’s speakers here: http://www.digikey.com/product-highli..., http://www.digikey.com/PTM/Individual..., http://www.digikey...
Micrel's MIC2875 and MIC2876
by Micrel - 2015-03-06 10:06 - 12,879 views
Micrel's Ken Mok introduces the MIC2875 and MIC2875 5V Synchronous Boost Regulators. These are compact and highly efficient 2MHz synchronous boost regulators with a 4.8A switch. They feature a bi-directional load disconnect function that prevents any leakage current between the input and output when the device is disabled. The MIC2875 and MIC2876 operate in bypass mode automatically when the input voltage is greater than the set output voltage. At light loads, the boost converter goes to the PFM mode to improve efficiency. To minimize switching artifacts in the audio band, the MIC2875 is designed to operate with a minimum switching frequency of 45kHz from no load to full load. The MIC2875/6 also feature an integrated anti-ringing switch to minimize EMI. The MIC2875/6 are available in an 8-pin 2mm × 2mm × 0.55 thin DFN (TDFN) package,with a junction temperature range of -40°C to +125°C.
PIC16F161X 8-bit Family of MCUs - Safety and System Management Peripherals
by Microchip - 2015-03-06 10:04 - 10,946 views
The PIC16F161x product family includes a Windowed Watchdog Timer and Cyclical Redundancy Check with memory scan to help engineers looking to add safety function to their applications. These core independent peripherals bring safety and system management capabilities that typically are not seen in 8-bit MCUs. PIC16F161X Product Page: http://mchp.us/1BHJtWw
PIC16F161X 8-bit Family of MCUs
by Microchip - 2015-03-06 10:04 - 13,241 views
The PIC16F161X family continues our long-standing tradition of innovation in 8-bit MCUs, with several features designed to enhance system response, efficiency, and security, while minimizing design time and effort. The family's pin counts range from 8 to 20 pins.
PIC16F161X 8-bit Family of MCUs - Advanced Timers Peripheral
by Microchip - 2015-03-06 10:03 - 10,901 views
The PIC16F161x product family with advanced timers: Angular Timer, Hardware Limit Timers (HLTs) and 24-bit Signal Measurement Timer (SMT). These core independent peripherals bring timing and measurement capabilities that typically are not seen in 8-bit MCUs.

       11 12 13 14 15 16 17 18 19 20         

| Total | 2015-03-11 | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-03-05 |
All Rights Reserved© Alldatasheet.com 2003 - 2013