TexasInstruments > Ask the Experts With HP Labs - Grenoble, France: Part Two
Date: 2015-03-11 14:35Read: 7986







HP Labs in Grenoble, France, talks about the biggest advantages of the HP ProLiant m800 server cartridge, featuring TI 66AK2Hx multicore
ARM + DSP devices, in an NFV environment.

Total : 2,015 ( 1/202 Pages)
Demo: TI infotainment processors power latest BMW head unit
by TexasInstruments - 2015-03-11 14:42 - 120,779 views
Check out the latest demo on TI's Jacinto automotive processors and see how the delivery of a faster, more responsive user interface and performance truly optimized for power and smaller package design in the all-new BMW head-unit is enabled.
Overview: TI infotainment processors powers latest BMW head unit
by TexasInstruments - 2015-03-11 14:42 - 115,267 views
See how TI's Jacinto family of automotive processors behind the all-new BMW head unit employ the Jacinto multi-core heterogenous architecture leveraging the latest ARM® Cortex® A-15 multi-core CPUs.
Ask the Experts With HP Labs - Grenoble, France: Part Two
by TexasInstruments - 2015-03-11 14:35 - 7,986 views
HP Labs in Grenoble, France, talks about the biggest advantages of the HP ProLiant m800 server cartridge, featuring TI 66AK2Hx multicore ARM + DSP devices, in an NFV environment.
Ask the Experts With HP Labs - Grenoble, France: Part One
by TexasInstruments - 2015-03-11 14:34 - 8,952 views
HP Labs in Grenoble, France, talks about why the HP ProLiant m800 server cartridge, featuring TI 66AK2Hx multicore ARM + DSP devices, is ideal for voice transcoding.
Isolated Shunt-Based Current & Voltage Sensing Reference Design for Protection Relays
by TexasInstruments - 2015-03-11 14:33 - 8,044 views
This isolated shunt based current measurement unit enables high accuracy current measurement without the use of Current Transformers (CT). The isolation is achieved through the use of AMC1304.
同軸構成オートモーティブ・オーディオ I2S Class-D アンプ・リファレンス・デザイン
by TexasInstruments - 2015-03-11 14:25 - 3,318 views
TIのClass-Dアンプを使用する同軸構成オートモーティブ・オーディオI2Sの­デモをお見せしたいと思います
らくらく回路設計ビデオコラム 5
by TexasInstruments - 2015-03-11 14:25 - 3,365 views
5. 「USB給電で3.3V/500mAを生成する」小型携帯機器向け電源回路の3つのソ­リューション
らくらく回路設計ビデオコラム 4
by TexasInstruments - 2015-03-11 14:24 - 3,282 views
4.「3.3V、8AのPOL電源の最適化を簡単に実現する」WEBENCHオンライ­ン設計支援ツールのオプティマイザ機能
オートモーティブ eCall リファレンス・デザイン
by TexasInstruments - 2015-03-11 14:23 - 3,279 views
eCall リファレンス・デザインについてご紹介致します。
オートモーティブ・ボディ・コントロール・モジュール・ドライバ・リファレンス・デザイン
by TexasInstruments - 2015-03-11 14:23 - 3,379 views
7つの広い入力電圧レンジ 負荷ドライバ製品を搭載しているTIのオートモーティブ・ボディ・コントロール・モジ­ュール(BCM)ドライバ・リ ファレンス・デザインをご紹介します。

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-09 | 2015-03-06 | 2015-03-05 | 2015-03-04 |
All Rights Reserved© Alldatasheet.com 2003 - 2013