ONSemiconductor > Optical Image Stabilization Solution Demonstration
Date: 2015-03-11 12:17Read: 12046







The demo shows how an image is stabilized without the need for a microprocessor or expensive software, by utilizing an optical image
stabilization driver. This unique low cost solution has the ability to adjust for a wide variety of frequencies to stabilize lenses effectively even
during panning, tilting and zooming.

Total : 251 ( 1/26 Pages)
最高分辨率行间转移CCD图像传感器 - KAI-47051 演示视频
by ONSemiconductor - 2015-03-11 14:39 - 185,724 views
http://www.onsemi.cn/ 我们向您展示独一无二的世界首个4700万像素行间CCD图像传感器KAI-4705­1的演示。
他に類のない47メガピクセル のインターラインCCDイメージセンサKAI 47051
by ONSemiconductor - 2015-03-11 14:28 - 7,591 views
http://www.onsemi.jp/他に類のない世界初のオン・セミコンダクター47メガピクセルのインターラインCCD­イメージセンサ、KAI 47051 のデモ をお見せします。
極めて低照度でも撮像可能! インターライントランスファーEMCCDイメージセンサ
by ONSemiconductor - 2015-03-11 14:27 - 3,192 views
http://www.onsemi.jp/オン・セミコンダクターの1080p(1920x1080画素)で極めて低照度でも撮­像可能なインターライントランスファー EMCCDのデモをお見せします。
Closed-Loop Tuning for 4G and 4G+ Smartphones
by ONSemiconductor - 2015-03-11 14:22 - 3,365 views
http://www.onsemi.com/ In this demonstration, we will show you how ON Semiconductor’s solutions help to solve LTE antenna designs challenges and antennas to be efficient in every one of the use cases.
Smart Metering Overview
by ONSemiconductor - 2015-03-11 12:32 - 13,496 views
http://www.onsemi.com/ This webcast provides brief overview of smart metering technology.
Optical Image Stabilization Solution Demonstration
by ONSemiconductor - 2015-03-11 12:17 - 12,046 views
The demo shows how an image is stabilized without the need for a microprocessor or expensive software, by utilizing an optical image stabilization driver. This unique low cost solution has the ability to adjust for a wide variety of frequencies to stabilize lenses effectively even during panning, tilting and zooming.
【ウェッブキャスト】KNXテクノロジー
by ONSemiconductor - 2015-03-06 16:26 - 35,534 views
http://www.onsemi.jp KNXテクノロジーの概要、そしてオン・セミコンダクターのオン・セミコンダクターの­KNXトランシーバ製品について説 明します。
Boost Demonstration Evaluation Board - NCP3065SOBSTGEVB Test Procedure
by ONSemiconductor - 2015-03-05 17:13 - 6,556 views
This video demonstrates some of the features and capabilities of the NCP3065SOBSTGEVB evaluation board. The NCP3065SOBSTGEVB evaluation board from ON Semiconductor is designed to deliver constant current for powering high brightness LEDs. Understand how to set-up and measure results for this board to optimize efficiency. For more information on this evaluation board, visit our website at: http://www.onsemi.com/PowerSolutions/...
【ビデオ】革新的な車載ライティング-マトリクスLEDフロントライトソリューション
by ONSemiconductor - 2015-03-05 17:03 - 4,835 views
http://www.onsemi.jp オン・セミコンダクターのNCV78763デュアルチャネルLEDドライバを使用した­画期的な、車載向けピクセル/マトリクス ソリューションをデモを用いてご紹介します。­ヨーロッパの高級車に採用され話題になったマトリックスLEDヘッドライトソリューシ­ョン。 このライティング技術は、多数の独立したLEDで構成されているため配光の組み­合わせが自由です。よって対向車に直接当たる部分は自動で 光量を落とす、あるいは消灯­します。
Power Supply Evaluation Board, 12 V, 20 W - NCP1077STGEVB Test Procedure
by ONSemiconductor - 2015-03-04 10:35 - 2,494 views
This video demonstrates some of the features and capabilities of the NCP1077STGEVB evaluation board. The NCP1077STGEVB evaluation board from ON Semiconductor is designed to offer a high level of integration, including soft-start, frequency-jittering, short-circuit protection, skip-cycle, a maximum peak current set point, ramp compensation, and a Dynamic Self-Supply (eliminating the need for an auxiliary winding). Understand how to set-up and measure results for this board to optimize efficiency. For more information on this evaluation board, visit our website at: http://www.onsemi.com/PowerSolutions/evalBoard.do?id=NCP1077STGEVB

       1 2 3 4 5 6 7 8 9 10         

| Total | 2015-03-11 | 2015-03-06 | 2015-03-05 | 2015-03-04 | 2015-03-03 |
All Rights Reserved© Alldatasheet.com 2003 - 2013