Murata > Murata Power Solutions ULT DOSA compliant 1/32 brick 30W DC/DC converter
Date: 2013-05-10 14:18Read: 3767




Murata Power Solutions today announced the ULT series of isolated 30 Watt DC/DC converters available in a miniature 1/32 brick industry standard Distributed-power Open Standards Alliance (DOSA) compatible open frame package. Measuring just 19.1 x 23.4 x 8.89 mm, the ULT series takes up significantly less board space than other 30W products on the market and is available with either through-hole or surface mount option.

The ULT series has been designed with a wide (2:1) input voltage range of 36 -- 75 VDC to meet the requirements of 48V and 60V battery back-up systems. The initial product release includes 12Vout, 5Vout, and 3.3Vout models with lower voltages to come in the near future. The maximum output power of 30 W is available from the 12Vout model, with the 5V and 3.3V models producing 25W. Line regulation is typically within +/- 0.1% of Vout across all Vin conditions at full load. An external trim function allows the output voltage to be trimmed by + 10 % to -- 20% to accommodate losses. Input to output isolation is certified to 1,500 V in accordance with the internationally recognized safety standard EN/UL60950.

The ULT series offers features that include remote On/Off control of either negative or positive logic, Vout trim and a remote sense capability. In addition the converter has a number of protection features including output short circuit protection, over temperature shutdown and input under voltage lockout.

The ULT series was designed for a wide range of applications including distributed power architectures in Industrial, Telecommunications, Routing, Optical Networking, Wireless equipment and Microwave Radio/point to point communications.

The ULT series is designed to operate in the most severe outdoor environments with an operating ambient temperature range from -40 to +85 degrees C.

http://www.murata-ps.com/releases/mps...

Total : 15 ( 1/2 Pages)
True RMS self-powered AC voltmeter fits 30.5 mm / 1.20 inch panel cutout
by Murata - 2013-11-23 09:34 - 8,226 views
The voltmeter fits an industry standard "oiltight" 30 and 30.5 mm / 1.2 inch round panel cutout. The 7.6 mm / 0.3 inch four-digit LED display is housed in a rugged round polycarbonate case that provides protection against dust, moisture, vibration and shock. It is supplied with an EPDM rubber gasket and plastic hex nut that aid protection to IP67 / NEMA6 specification for water ingress.
1 Watt DC-DC converter with 88% efficiency and MSL 1 moisture sensitivity rating
by Murata - 2013-05-10 14:19 - 3,824 views
Murata today announced the Murata Power Solutions MTE1 series of isolated 1 Watt single output DC-DC converters. Suitable for a broad range of industrial and automation applications, these highly efficient units, up to 88%, offer much better efficiency across the full load range than competitor models currently available, resulting in less waste heat to be dissipated. The MTE1 series consume less power and achieve higher reliability rates, contributing to better overall product and system reliability. The MTE1 series also has a load regulation that is typically 5% better than similar models available in the industry. Input voltage options are the 5 most popular nominal input voltages of 3.3, 5, 12, 15, or 24 VDC input. Output voltages include 3.3, 5, 9, 12, or 15 VDC. Full load capability is provided across the full industrial temperature range of -40 degrees C to +85 degrees C. The MTE1 series has the highest moisture sensitivity level rating, MSL 1, and is compatible with a peak reflow solder temperature of 245 degrees C as per J-STD-020D. Moisture absorption and retention can be a major issue for many surface-mount devices with lesser MSL rating, as large stresses can b...
New Murata Power Solutions Website Launch
by Murata - 2013-05-10 14:19 - 3,678 views
Designed with a new and fresh appearance, and developed on a new platform, the website has a greater emphasis on the searching and selection of product specifications. The major highlights of the new site are parametric search tools that allow customers to select the needed ratings and product features that suit their requirements. This presentation will walk through these new features and familiarize you with the look, feel and functionality of the site.
Murata Power Solutions | Selecting Isolated Brick DC/DC Converters
by Murata - 2013-05-10 14:19 - 3,675 views
Selecting the best isolated brick DC/DC converter for an application can pose a challenging task for the design engineer. There are a number of circumstances that can motivate a particular choice. These could be transient response, efficiency, environmental conditions, or mechanical packaging. This presentation is based on a technical article by Murata Power Solutions Field Applications Engineer, Paul Knauber, and looks at some of the technical considerations when choosing the optimum brick converter for an application. For more information on products from Murata Power Solutions, please visit our website http://www.murata-ps.com
Murata Power Solutions ULT DOSA compliant 1/32 brick 30W DC/DC converter
by Murata - 2013-05-10 14:18 - 3,767 views
Murata Power Solutions today announced the ULT series of isolated 30 Watt DC/DC converters available in a miniature 1/32 brick industry standard Distributed-power Open Standards Alliance (DOSA) compatible open frame package. Measuring just 19.1 x 23.4 x 8.89 mm, the ULT series takes up significantly less board space than other 30W products on the market and is available with either through-hole or surface mount option. The ULT series has been designed with a wide (2:1) input voltage range of 36 -- 75 VDC to meet the requirements of 48V and 60V battery back-up systems. The initial product release includes 12Vout, 5Vout, and 3.3Vout models with lower voltages to come in the near future. The maximum output power of 30 W is available from the 12Vout model, with the 5V and 3.3V models producing 25W. Line regulation is typically within +/- 0.1% of Vout across all Vin conditions at full load. An external trim function allows the output voltage to be trimmed by + 10 % to -- 20% to accommodate losses. Input to output isolation is certified to 1,500 V in accordance with the internationally recognized safety standard EN/UL60950. The ULT series offers features that include remote On/...
Murata Power Solutions | MTU1 A new standard for 1 Watt isolated DC/DC converters
by Murata - 2013-05-10 14:18 - 3,451 views
Murata Power Solutions is set to change the shape of 1 Watt isolated surface-mount DC/DC converters. The introduction of our new high performance MTU1 series marks a step-change in the miniaturization of power modules, setting new standards for footprint, load regulation and efficiency. The MTU1 series' dimensions are 8.2 x 8.4 x 8.5 mm, representing a footprint reduction of 50% compared to the previous generation. Load regulation from 3.2%, a 40% reduction. Power density 1.71 W/cm3. 56% less power dissipation and lower running temperatures than its predecessor. "The Cube" reduces footprint by 50% over current designs Music: Kevin MacLeod
Murata Power Solutions | 782482 Series Transformer
by Murata - 2013-05-10 14:17 - 3,953 views
The 782482 series of converter transformers are specifically designed for use with Analog Devices chipsets to provide isolated RS-485 and RS-422 interfaces. Carefully controlled turns ratios ensure consistent performance whilst a toroidal construction minimises EMI. To request a sample, click here http://www.murata-ps.com/cgi-bin/cd4p...
Murata Power Solutions | ACM20 Multi-Function AC Power Meters | Datel
by Murata - 2013-05-10 14:17 - 3,926 views
Murata Power Solutions: ACM20 AC power meters display the most critical measurements in mains-powered equipment: voltage, amperage, active power (watts), and power factor. A front panel selector-switch provides two modes of operation: a fixed reading of any of the four parameters, or a continuous cycling through all four measurements. An optional model displays line frequency with 0.1Hz resolution. All ACM20 multi-function power meters include built-in current transformers.no other user-supplied components are required.
1 Watt DC-DC converter with 88% efficiency and MSL 1 moisture sensitivity rating
by Murata - 2013-05-21 14:51 - 5,075 views
Murata today announced the Murata Power Solutions MTE1 series of isolated 1 Watt single output DC-DC converters. Suitable for a broad range of industrial and automation applications, these highly efficient units, up to 88%, offer much better efficiency across the full load range than competitor models currently available, resulting in less waste heat to be dissipated. The MTE1 series consume less power and achieve higher reliability rates, contributing to better overall product and system reliability. The MTE1 series also has a load regulation that is typically 5% better than similar models available in the industry. Input voltage options are the 5 most popular nominal input voltages of 3.3, 5, 12, 15, or 24 VDC input. Output voltages include 3.3, 5, 9, 12, or 15 VDC. Full load capability is provided across the full industrial temperature range of -40 degrees C to +85 degrees C. The MTE1 series has the highest moisture sensitivity level rating, MSL 1, and is compatible with a peak reflow solder temperature of 245 degrees C as per J-STD-020D. Moisture absorption and retention can be a major issue for many surface-mount devices with lesser MSL rating, as large stresses can b...
New Murata Power Solutions Website Launch
by Murata - 2013-05-21 14:51 - 4,938 views
Designed with a new and fresh appearance, and developed on a new platform, the website has a greater emphasis on the searching and selection of product specifications. The major highlights of the new site are parametric search tools that allow customers to select the needed ratings and product features that suit their requirements. This presentation will walk through these new features and familiarize you with the look, feel and functionality of the site.

       1 2         

| Total | 2013-11-23 | 2013-05-21 | 2013-05-10 |
All Rights Reserved© Alldatasheet.com 2003 - 2013