MiniCircuits > Mini Circuits at NIWeek 2008
Date: 2013-05-11 11:50Read: 5212





Mini-Circuits NEW Power Sensor
• Operating frequency range of 1 MHz to 6 GHz
• 50 dB dynamic range, -30 dBm to +20 dBm
• Good VSWR, 1.1:1 (typical)
• Accuracy: ±0.15 dBm (typical)
• Linearity at 25 C is ±0.1 dBm (typical)
• Measurement speed is 200 ms
• No calibration after powering on (plug-in and measure)
• No external power supply is needed
• 16 simultaneous testing channels
• Temperature compensated
• Fully loaded power data analysis software
• Averaging of measurements
• Scheduled data recording
• Multi-Sensor support
• Interface with test software

Only....$695.00

Total : 4 ( 1/1 Pages)
Mini Circuits at NIWeek 2008
by MiniCircuits - 2013-05-11 11:50 - 5,212 views
Mini-Circuits NEW Power Sensor • Operating frequency range of 1 MHz to 6 GHz • 50 dB dynamic range, -30 dBm to +20 dBm • Good VSWR, 1.1:1 (typical) • Accuracy: ±0.15 dBm (typical) • Linearity at 25 C is ±0.1 dBm (typical) • Measurement speed is 200 ms • No calibration after powering on (plug-in and measure) • No external power supply is needed • 16 simultaneous testing channels • Temperature compensated • Fully loaded power data analysis software • Averaging of measurements • Scheduled data recording • Multi-Sensor support • Interface with test software Only....$695.00
Vitel Booth
by MiniCircuits - 2013-05-11 11:50 - 4,989 views
Mini Circuits at NIWeek 2008
by MiniCircuits - 2013-05-20 15:10 - 27,217 views
Mini-Circuits NEW Power Sensor • Operating frequency range of 1 MHz to 6 GHz • 50 dB dynamic range, -30 dBm to +20 dBm • Good VSWR, 1.1:1 (typical) • Accuracy: ±0.15 dBm (typical) • Linearity at 25 C is ±0.1 dBm (typical) • Measurement speed is 200 ms • No calibration after powering on (plug-in and measure) • No external power supply is needed • 16 simultaneous testing channels • Temperature compensated • Fully loaded power data analysis software • Averaging of measurements • Scheduled data recording • Multi-Sensor support • Interface with test software Only....$695.00
Vitel Booth
by MiniCircuits - 2013-05-20 15:09 - 26,854 views

       1        

| Total | 2013-05-20 | 2013-05-11 |
All Rights Reserved© Alldatasheet.com 2003 - 2013