Micropac > AM335x ARM(R) MPUs - simplifying industrial designs
Date: 2013-06-22 09:46Read: 4136





Texas Instruments has recently introduced the AM335x ARM Cortex-A8 low power high performance processor family with price points starting at under $5. In this video, you'll see how these processors help industrial customers enable innovative industrial automation systems. With the AM335x ARM solution, TI delivering a scalable platform with integrated multi-protocol communications support. It's one family of pin-to-pin and SW compatible devices to address the diverse needs of the entire Industrial Automation system.

Total : 33 ( 1/4 Pages)
MultiSIM BLUE Video Tutorial – Using Simulation Driven Instruments in MultiSIM BLUE
by Micropac - 2014-10-21 11:43 - 6,248 views
Download Today: http://bit.ly/1uegpR2
Atmel - Sparkfun at Maker Faire Bay Area Atmel Booth!
by Micropac - 2014-06-09 16:42 - 4,675 views
SparkFun COO Trevor Zylstra shows off the world's smallest Arduino at Maker Faire Bay Area. Stay connected! Embedded Design Blog: http://www.atmelcorporation.wordpress.com Twitter: http://www.atmel.com/twitter Facebook: http://www.atmel.com/facebook LinkedIn: http://www.atmel.com/linkedin
MC34937 3-Phase BLDC Motor Driver with Kinetis-E MCU for eBike Applications
by Micropac - 2014-05-02 11:34 - 4,501 views
http://www.freescale.com/MC34937 Explore the MC34937, an industrial-grade 3-phase gate pre-driver for BLDC and PMSM motor control. The MC34937 can support 12V, 24V, and 36V motor control applications and easily interfaces to standard MCUs and DSPs. The demo shows the implementation of the MC34937 with Kinetis E MCUs in a 36V battery-operated electric bike (eBike) application. This same system can be modified to be used in other industrial applications such as electric garden tools, industrial fans and pumps, and electric wheelchairs.
Novum Advanced Power Overview - CUI Inc at APEC 2014
by Micropac - 2014-04-24 11:11 - 5,656 views
CUI Senior Vice President, Mark Adams, talks with Don Tuite at APEC 2014 about the Novum® Advanced Power product line which has been developed to specifically address the growing complexities in today's advanced designs. The two discuss IBC and digital POL modules for distributed power architectures, applications, and challenges. http://www.cui.com/catalog/power/novum-advanced-power
(Japanese) Microchip PIC32 GUI開発ボードの紹介
by Micropac - 2014-03-10 11:16 - 4,113 views
PIC32 GUI開発ボード(投影型静電容量式タッチスクリーン付き)は 低コストのマルチタッチ­GUI開発プラットフォームです。 105 DMIPSの性能を持ち、512KBフラッシュと128KB RAMを内蔵 したPIC32MX795F512Hと4.3インチWQVGAタッチディ­スプレイを実装済みです。 PIC32デバイスと低コストPSRAMを組み合わせる事で高速グラフィックフレーム バッファリングを行い、 外付けグラフィック コントローラを使わないソリューションを開発できます。
What's easier- DIY Dentistry or our new our website features?
by Micropac - 2014-01-24 16:42 - 4,086 views
http://www.element14.com/newfeatures - See how we are working to make doing business online easier with our new website features. Learn new ways to personalize your online experience and see all our Quick Tip videos at http://www.element14.com/newfeatures.
5041/BEA (M38510/10502BEA)
by Micropac - 2013-07-26 14:43 - 3,601 views
5041/BEA (M38510/10502BEA) Rochester Electronics has re-introduced and continues to manufacture critically needed semiconductors with the full authorization of the original manufacturer and an attention to quality that meets or exceeds the original component. 5041/BEA Original Part Number: HI1-5041-8 Description: CMOS Analog Switch Package: 16 pin DIP Manufacturing Flow: SMD/QML Manufacturing Type: made from original Intersil wafers Original Manufacturer: DUAL SPST ANALOG SWITCH with CMOS and TTL versatility Originally offered by Harris Semiconductor and then later by Intersil before being discontinued, the 5041 is a CMOS analog switch that offers low resistance switching performance for analog voltages up to the supply rails and for signal currents up to 80mA. “ON” resistance is low and stays reasonably constant over the full range of operating signal voltage and current. The 5041 provides break-before-make switching and is TTL and CMOS compatible for maximum application versatility. The 5041 is a fully qualified military device. Re-introduced by
AM335x ARM(R) MPUs - simplifying industrial designs
by Micropac - 2013-06-22 09:46 - 4,136 views
Texas Instruments has recently introduced the AM335x ARM Cortex-A8 low power high performance processor family with price points starting at under $5. In this video, you'll see how these processors help industrial customers enable innovative industrial automation systems. With the AM335x ARM solution, TI delivering a scalable platform with integrated multi-protocol communications support. It's one family of pin-to-pin and SW compatible devices to address the diverse needs of the entire Industrial Automation system.
Rocket Project: Apollo Video
by Micropac - 2013-06-12 16:25 - 3,758 views
Eight high school students come together for the ultimate science project: to launch a rocket by harnessing the computing power of today's Sony VAIO notebook powered by Intel Core Processors. The Rocket Project powered by Sony and Intel.
First Look: at the new Sony Alpha NEX Series
by Micropac - 2013-06-11 17:25 - 4,632 views
Find more at http://tinyurl.com/3xt4nba or on our blog http://blog.discover.sonystyle.com/a-...

       1 2 3 4         

| Total | 2014-10-21 | 2014-06-09 | 2014-05-02 | 2014-04-24 | 2014-03-10 |
All Rights Reserved© Alldatasheet.com 2003 - 2013