|
(Simplified Chinese) Microchip数字电源参考设计
by Microchip - 2014-12-31 11:03 - 16,345 views
电源作为电控系统能量的来源,也跟大多数行业一样,正往高密度、小体积、高能效、智能化及定制化趋势发展。本视频将向您介绍目前
Microchip针对数字电源的一些主要参考设计,包括1000W离线式UPS、交错式PFC、200W 1/4砖DC/DC转换器、LLC DC/DC谐振转换器、
720W白金级AC/DC和增强型太阳能逆变器。 |
 |
(Japanese) [吹替版] Microchip MPLAB® Code ConfiguratorでADCとEUSARTを設定する
by Microchip - 2014-12-18 15:53 - 7,470 views
この動画では、MPLAB® Code Configuratorを使ってADCとEUSARTを設定します。
前回の「MPLAB Code Configuratorの概要」では、MPLAB Code Configuratorを使ってポートピンをHIGHに設定しました。今回はその続きとし
て作業していきます。
この動画でも、PIC16F1937を実装済みのPICDEM 2 Plusデモボードを使います。加えて今回はMCP2200 USB-RS232ボードも使います。こ
れでEUSART通信をPCで見る事ができます。開発ツールとしては、MPLAB X v1.90、XC8コンパイラv1.21、MPLAB REAL ICEインサーキッ
ト エミュレータを使います。 |
 |
(Japanese) [吹替版] Microchip MPLAB® Code Configuratorの紹介
by Microchip - 2014-12-18 15:52 - 7,415 views
MPLAB® Code ConfiguratorはMicrochip社のコード生成ツールです。
MPLAB Xで使うNetBeansプラグインであり、アプリケーションで使う周辺モジュールのドライバと初期化関数の両方を生成します。 |
 |
(Japanese) [吹替版] NetBeansプラグインをMPLAB® X IDEにインストールする方法
by Microchip - 2014-12-18 15:52 - 7,325 views
NetBeansプラグインを使うとMPLAB® X IDEをカスタマイズ、機能拡張する事ができます。この動画ではプラグインのインストール方法を説明します。 |
 |
Amp-titudes Episode 3 - Rail to Rail Input Stage
by Microchip - 2014-12-03 14:24 - 5,073 views
This video provides an overview of various input structures for CMOS, voltage feedback amplifiers, and discusses how these structures affect
the amplifiers ability to support “rail-to-rail” operation.
www.microchip.com/linear
|
 |
Microchip Touch and Input Sensing Solutions
by Microchip - 2014-12-03 14:12 - 6,608 views
Microchip's award winning technology enables the next generation of user input sensing for a broad range of applications. We give engineers
the freedom to innovate with an industry leading, robust, touch implementation on our vast range of PIC microcontrollers. Engineers get the
benefit of an ever expanding product portfolio that delivers various performance levels, peripheral mixes, eXtreme Low Power (XLP), small
packaging, and unique technologies such as Metal over Capacitive and Three Dimensional position and Gesture sensing.
Learn more about our Touch and Input Sensing Solutions: http://mchp.us/1rSvSIm |
 |
5V CAN LIN Starter Kit for Digital Signal Controllers (DSCs)
by Microchip - 2014-11-27 14:04 - 7,790 views
The 5V CAN-LIN Starter Kit features the dsPIC33 “EV” family of 70 MIPS processors with interfaces like CAN, LIN and SENT for automotive
and industrial applications. This Starter Kit has everything you need to start developing your next 5V application: small size, low cost, and built-
in programmer/debugger with easy connection to CAN, LIN and SENT communications.
dsPIC33EV 5V CAN-LIN Starter Kit Page: http://mchp.us/1viXXb1
dsPIC33EV256GM106 Product Page: http://mchp.us/1uwGw1i
dsPIC33EV128GM106 Product Page: http://mchp.us/1FooIfm
dsPIC33EV64GM106 Product Page: http://mchp.us/1FnAFnq
dsPIC33EV256GM006 Product Page: http://mchp.us/1FnS1yK
dsPIC33EV128GM006 Product Page: http://mchp.us/11Sk50Q
dsPIC33EV64GM006 Product Page: http://mchp.us/1zpDK2u
dsPIC33EV256GM104 Product Page: http://mchp.us/1uTO57H
dsPIC33EV128GM104 Product Page:  |
PIC16F161X Angular Timer Demonstration
by Microchip - 2014-11-20 12:04 - 27,549 views
Product demonstration highlighting the angular timer on the PIC16F161X product family.
www.Microchip.com/angulartimerdemo
Www.microchip.com/PIC16F161X
Www.microchip.com/PIC16F1614
Www.microchip.com/PIC16F1615
Www.microchip.com/PIC16F1618
Www.microchip.com/PIC16F1619
|
 |
Microchip Self Paced Training - Complimentary Waveform Generator
by Microchip - 2014-11-20 12:02 - 24,918 views
This video demonstrates how the Complimentary Waveform Generator peripheral in the Microchip PIC® MCU works and how to use it.
http://microchip.wikidot.com/8bit:cwg |
 |
Microchip Self Paced Training - Configurable Logic Cell
by Microchip - 2014-11-20 12:02 - 24,957 views
This video explains how the Configurable Logic Cell peripheral in the Microchip PIC® MCU works and how to use it.
http://microchip.wikidot.com/8bit:clc |