Microchip > UCS1002 USB Port Power Controller and Evaluation Board
Date: 2014-05-15 17:30Read: 5740





This a description of the UCS1002 device that
includes an overview of its advantages. The ADM00497
evaluation board is also introduced and demonstrated.

USB Port Power Controllers Page - http://mchp.us/1neHVM8
UCS1002-2 Product Page - http://mchp.us/1lAnJDw

Total : 682 ( 11/69 Pages)
Microchip introduces Lighting Communications Development platform
by Microchip - 2014-05-22 10:20 - 5,694 views
[MNV170] Microchip Technology introduces Lighting Communications Development platform for Designing Communications-Enabled Lighting Applications.
(Japanese) Microchip dsPIC® DSCを使ったIHクッキング ヒーター リファレンス デザインの紹介
by Microchip - 2014-05-22 10:01 - 5,027 views
Microchip社のdsPIC® DSC、PIC® MCU、その他のデバイスを使 うとIHクッキングヒーターを始め、家電製品も簡単に設­計する事 ができます。Microchip社の家電ソリューショングループ(HASG) ­はお客様の設計が必要とする新機能の実装をお手伝いします。
Fuel Gauging with a Delta-Sigma ADC
by Microchip - 2014-05-15 17:56 - 18,225 views
This video reviews the resources available to assist the design of a cost effective fuel gauging solution using a high resolution delta-sigma analog-to-digital converter and a PIC microcontroller. http://www.microchip.com/wwwproducts/Devices.aspx?product=MCP3421 http://www.microchip.com/DevelopmentTools/ProductDetails.aspx?PartNO=mcp3421dm-bfg
UCS1002 USB Port Power Controller and Evaluation Board
by Microchip - 2014-05-15 17:30 - 5,740 views
This a description of the UCS1002 device that includes an overview of its advantages. The ADM00497 evaluation board is also introduced and demonstrated. USB Port Power Controllers Page - http://mchp.us/1neHVM8 UCS1002-2 Product Page - http://mchp.us/1lAnJDw
(Simplified Chinese) MCP8024 TQFP电机驱动器评估板
by Microchip - 2014-04-24 11:32 - 13,783 views
MCP8024 TQFP无刷直流电机驱动器评估板可用来演示MCP8024的驱动 功能。本视频介绍了­这一评估板的组成部分,并实际展示了将电路板与 电源和电机连接好后,MCP8024是­如何控制电机运转的。
(Japanese) Microchip MCP8024 3相BLDCモータゲートドライバの紹介
by Microchip - 2014-04-24 11:31 - 5,961 views
Microchip MCP8024は電源モジュール内蔵の3相BLDCモータ ゲートドライバであり、マイ­コンまたはデジタルシグナル コントローラと併せて使う、150℃対応の車載向けプリドライバです。 幅広いモータ制御および駆動アプリケーションに適しています。
Peripheral Pin Select (PPS) for Microchip 8-bit PIC MCU
by Microchip - 2014-04-18 12:12 - 27,436 views
This training video introduces the Peripheral Pin Select (PPS) for Microchip 8-bit PIC MCU. The training steps you through how the PPS operates and then how to use the peripheral, including code examples. www.microchip.com/developerhelp
Kinoma Platform Team showcases the Kinoma Create at EE Live 2014
by Microchip - 2014-04-17 12:10 - 11,332 views
Kinoma Platform Team features the JavaScript-powered construction kit for makers, professional product designers and web developers with no prior hardware experience. www.kinoma.com
Digilent Inc, showcases the chipKIT™ WF32™ Board at
by Microchip - 2014-04-17 12:09 - 9,524 views
Digilent's features the new chipKIT™ WF32 Board based on Microchip's new PIC32MZ product family running a Digilent HTTP Server Example. www.digilentinc.com
DeviceLab's KoolThings Platform showcased at EE Live 2014
by Microchip - 2014-04-17 12:08 - 11,477 views
DeviceLab teams up with Kooltech's to create the KoolThings + Smartphone to bring new KoolApplications for IoT. www.kooltechs.com

       11 12 13 14 15 16 17 18 19 20         

| Total | 2015-03-11 | 2015-03-10 | 2015-03-09 | 2015-03-06 | 2015-03-05 |
All Rights Reserved© Alldatasheet.com 2003 - 2013