|
(Simplified Chinese) TWS蓝牙解决方案
by Microchip - 2015-03-11 12:11 - 30,806 views
在您欣赏音乐的过程中,是否会因为传统有线音箱繁琐的喇叭线而困扰?是否会因为传统音箱的体积/大小,以及位置受限而烦脑不已?
Microchip的TWS蓝牙解决方案将会是您最佳的选择。本视频将向您介绍Microchip BM90蓝牙模块以及BM90 EVB开发板。同时,提供使用BM90
模块的蓝牙单喇叭音箱演示,实现在两个蓝牙音箱之间的音乐控制与音量同步。 |
 |
(Japanese) Microchip 5 V CAN LINスタータキットの紹介
by Microchip - 2015-03-11 12:06 - 36,709 views
Microchip社の5 V CAN-LINスタータキットを紹介します。
このキットは車載および産業応用向けにCAN、LIN、SENTインターフェイスを内蔵した70 MIPSのdsPIC33EVファミリを実装しています。
dsPIC EVファミリなら85℃環境でも30 mAの消費電流で70 MIPS性能を発揮できます。
Microchip社の5 V対応プロセッサで最も高速です。
dsPIC EVファミリは150℃でも40 MIPS性能を発揮します。
さらに、6チャンネルのPWMと1.1 MspsのADCを36チャンネル備えています。 |
 |
Amp-titudes Episode 6 – Rail to Rail Output Stage
by Microchip - 2015-03-10 10:38 - 48,644 views
This video provides an explanation of the term “rail-to-rail” as it applies to the output of a CMOS amplifier, and discusses how output loading
can affect this parameter.
Linear Products and Solutions Page: http://mchp.us/1t8L8di |
 |
(Japanese) Microchip Amp-titudes 2: 入力バイアスおよ
by Microchip - 2015-03-09 16:42 - 8,146 views
今回は入力バイアス電流と入力オフセット電流についてお話します。
入力バイアス電流は、アンプの2つの入力端子へ流れ込む電流の平均です。
入力オフセット電流は、アンプの2つの入力端子へ流れ込む電流の差です。
信号コンディショニングのエラーバジェットを求める際は両方とも検討する必要があります。 |
 |
PIC16F1769 8-bit Family of MCUs
by Microchip - 2015-03-06 16:25 - 80,567 views
The PIC16F1769 product family expands Microchip’s offering of Core Independent Peripherals by integrating Intelligent Analog and digital
peripherals, which can be combined to create multiple independent closed-loop power channels, simplifying designs and eliminating many
discrete components.
www.microchip.com/PIC16F1769productfamily
www.microchip.com/PIC16F176X |
 |
MPLAB® Harmony Configurator
by Microchip - 2015-03-06 10:13 - 24,997 views
An Overview of MPLAB® Harmony Software Development Framework and the integrated powerful tool MPLAB® Harmony Configurator (MHC).
MPLAB Harmony page: http://mchp.us/1dyTEvf |
 |
PIC16F161X 8-bit Family of MCUs - Safety and System Management Peripherals
by Microchip - 2015-03-06 10:04 - 21,459 views
The PIC16F161x product family includes a Windowed Watchdog Timer and Cyclical Redundancy Check with memory scan to help engineers
looking to add safety function to their applications. These core independent peripherals bring safety and system management capabilities that
typically are not seen in 8-bit MCUs.
PIC16F161X Product Page: http://mchp.us/1BHJtWw |
 |
PIC16F161X 8-bit Family of MCUs
by Microchip - 2015-03-06 10:04 - 22,793 views
The PIC16F161X family continues our long-standing tradition of innovation in 8-bit MCUs, with several features designed to enhance system
response, efficiency, and security, while minimizing design time and effort. The family's pin counts range from 8 to 20 pins. |
 |
PIC16F161X 8-bit Family of MCUs - Advanced Timers Peripheral
by Microchip - 2015-03-06 10:03 - 20,965 views
The PIC16F161x product family with advanced timers: Angular Timer, Hardware Limit Timers (HLTs) and 24-bit Signal Measurement Timer
(SMT). These core independent peripherals bring timing and measurement capabilities that typically are not seen in 8-bit MCUs. |
 |
(Japanese) Microchip Amp-titudes 1: スルーレートについて
by Microchip - 2015-03-06 10:00 - 17,868 views
Amp-titudes第1回ではアンプのスルーレートについてお話します。
アンプで重量なパラメータといえば帯域幅とスルーレートです。
スルーレートとは出力電圧の最大変化率(V/us)であり、歪みなく信号を再現するには原信号と同じ速度またはそれより速く出力を変化させる
事が必要です。このスルーレートはアンプのフルパワー帯域幅を求めるために必要です。フルパワー帯域幅とは、スルーレート限界により出
力信号を歪ませない最大周波数の事です。 |